Electronic Components Datasheet Search
  English  ▼

X  

OP176 Datasheet(PDF) 2 Page - Analog Devices

Part # OP176
Description  Bipolar/JFET, Audio Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP176 Datasheet(HTML) 2 Page - Analog Devices

  OP176_15 Datasheet HTML 1Page - Analog Devices OP176_15 Datasheet HTML 2Page - Analog Devices OP176_15 Datasheet HTML 3Page - Analog Devices OP176_15 Datasheet HTML 4Page - Analog Devices OP176_15 Datasheet HTML 5Page - Analog Devices OP176_15 Datasheet HTML 6Page - Analog Devices OP176_15 Datasheet HTML 7Page - Analog Devices OP176_15 Datasheet HTML 8Page - Analog Devices OP176_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
V
OS
1mV
Offset Voltage
V
OS
–40
°C ≤ T
A ≤ +85°C
1.25
mV
Input Bias Current
I
B
V
CM = 0 V
350
nA
V
CM = 0 V, –40°C ≤ TA ≤ +85°C
400
nA
Input Offset Current
I
OS
V
CM = 0 V
±50
nA
V
CM = 0 V, –40°C ≤ TA ≤ +85°C
±100
nA
Input Voltage Range
V
CM
–10.5
+10.5
V
Common-Mode Rejection
CMRR
V
CM = ± 10.5 V,
–40
°C ≤ T
A ≤ +85°C
80
106
dB
Large Signal Voltage Gain
A
VO
R
L = 2 kΩ
250
V/mV
R
L = 2 kΩ, –40°C ≤ TA ≤ +85°C
175
V/mV
R
L = 600 Ω
200
V/mV
Offset Voltage Drift
∆V
OS/∆T5
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing
V
O
R
L = 2 kΩ, –40°C ≤ TA ≤ +85°C
–13.5
+13.5
V
R
L = 600 Ω, VS = ± 18 V
–14.8
+14.8
V
Output Short Circuit Current
I
SC
±25
±50
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = ± 4.5 V to ± 18 V
86
108
dB
–40
°C ≤ T
A ≤ +85°C80
dB
Supply Current
I
SY
V
S = ± 4.5 V to ± 18 V, VO = 0 V,
R
L =
∞, –40°C ≤ T
A ≤ +85°C
2.5
mA
Supply Current
I
SY
V
S = ± 22 V, VO = 0 V, RL = ∞,
–40
°C ≤ T
A ≤ +85°C
2.75
mA
Supply Voltage Range
V
S
±4.5
±22
V
DYNAMIC PERFORMANCE
Slew Rate
SR
R
L = 2 kΩ
15
25
V/
µs
Gain Bandwidth Product
GBP
10
MHz
AUDIO PERFORMANCE
THD + Noise
V
IN = 3 V rms,
R
L = 2 kΩ, f = 1 kHz
0.001
%
Voltage Noise Density
e
n
f = 1 kHz
6
nV/
√Hz
Current Noise Density
i
n
f = 1 kHz
0.5
pA/
√Hz
Specifications subject to change without notice.
REV. 0
–2–
OP176–SPECIFICATIONS
(@ V
S = ± 15.0 V, TA = +25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com