Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 2 Page - Analog Devices

Part # OP191
Description  eMicropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 2 Page - Analog Devices

  OP191_15 Datasheet HTML 1Page - Analog Devices OP191_15 Datasheet HTML 2Page - Analog Devices OP191_15 Datasheet HTML 3Page - Analog Devices OP191_15 Datasheet HTML 4Page - Analog Devices OP191_15 Datasheet HTML 5Page - Analog Devices OP191_15 Datasheet HTML 6Page - Analog Devices OP191_15 Datasheet HTML 7Page - Analog Devices OP191_15 Datasheet HTML 8Page - Analog Devices OP191_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
OP191/OP291/OP491
Rev. E | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Pin Configurations ........................................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Specifications............................................................... 3
 
Absolute Maximum Ratings............................................................ 7
 
Thermal Resistance ...................................................................... 7
 
ESD Caution.................................................................................. 7
 
Typical Performance Characteristics ............................................. 8
 
Theory of Operation ...................................................................... 17
 
Input Overvoltage Protection ................................................... 18
 
Output Voltage Phase Reversal................................................. 18
 
Overdrive Recovery ................................................................... 18
 
Applications Information .............................................................. 19
 
Single 3 V Supply, Instrumentation Amplifier ....................... 19
 
Single-Supply RTD Amplifier................................................... 19
 
A 2.5 V Reference from a 3 V Supply ...................................... 20
 
5 V Only, 12-Bit DAC Swings Rail-to-Rail ............................. 20
 
A High-Side Current Monitor .................................................. 20
 
A 3 V, Cold Junction Compensated Thermocouple Amplifier
....................................................................................................... 21
 
Single-Supply, Direct Access Arrangement for Modems...... 21
 
3 V, 50 Hz/60 Hz Active Notch Filter with False Ground..... 22
 
Single-Supply, Half-Wave, and Full-Wave Rectifiers............. 22
 
Outline Dimensions ....................................................................... 23
 
Ordering Guide .......................................................................... 24
 
REVISION HISTORY
4/10—Rev. D to Rev. E
Changes to Input Voltage Parameter, Table 4 ............................... 7
4/06—Rev. C to Rev. D
Changes to Noise Performance, Voltage Density, Table 1........... 3
Changes to Noise Performance, Voltage Density, Table 2........... 4
Changes to Noise Performance, Voltage Density, Table 3........... 5
Changes to Figure 23 and Figure 24............................................. 10
Changes to Figure 42...................................................................... 13
Changes to Figure 43...................................................................... 14
Changes to Figure 57...................................................................... 16
Added Figure 58.............................................................................. 16
Changed Reference from Figure 47 to Figure 12........................ 17
Updated Outline Dimensions ....................................................... 23
Changes to Ordering Guide .......................................................... 24
3/04—Rev. B to Rev. C.
Changes to OP291 SOIC Pin Configuration .................................1
11/03—Rev. A to Rev. B.
Edits to General Description ...........................................................1
Edits to Pin Configuration ...............................................................1
Changes to Ordering Guide .............................................................5
Updated Outline Dimensions....................................................... 19
12/02—Rev. 0 to Rev. A.
Edits to General Description ...........................................................1
Edits to Pin Configuration ...............................................................1
Changes to Ordering Guide .............................................................5
Edits to Dice Characteristics............................................................5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com