Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 3 Page - Analog Devices

Part # OP191
Description  eMicropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 3 Page - Analog Devices

  OP191_15 Datasheet HTML 1Page - Analog Devices OP191_15 Datasheet HTML 2Page - Analog Devices OP191_15 Datasheet HTML 3Page - Analog Devices OP191_15 Datasheet HTML 4Page - Analog Devices OP191_15 Datasheet HTML 5Page - Analog Devices OP191_15 Datasheet HTML 6Page - Analog Devices OP191_15 Datasheet HTML 7Page - Analog Devices OP191_15 Datasheet HTML 8Page - Analog Devices OP191_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
OP191/OP291/OP491
Rev. E | Page 3 of 24
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
@ VS = 3.0 V, VCM = 0.1 V, VO = 1.4 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
OP191G
VOS
80
500
μV
−40°C ≤ TA ≤ +125°C
1
mV
OP291G/OP491G
VOS
80
700
μV
−40°C ≤ TA ≤ +125°C
1.25
mV
Input Bias Current
IB
30
65
nA
−40°C ≤ TA ≤ +125°C
95
nA
Input Offset Current
IOS
0.1
11
nA
−40°C ≤ TA ≤ +125°C
22
nA
Input Voltage Range
0
3
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.9 V
70
90
dB
−40°C ≤ TA ≤ +125°C
65
87
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.3 V to 2.7 V
25
70
V/mV
−40°C ≤ TA ≤ +125°C
50
V/mV
Offset Voltage Drift
∆VOS/∆T
1.1
μV/°C
Bias Current Drift
∆IB/∆T
100
pA/°C
Offset Current Drift
∆IOS/∆T
20
pA/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 kΩ to GND
2.95
2.99
V
−40°C to +125°C
2.90
2.98
V
RL = 2 kΩ to GND
2.8
2.9
V
−40°C to +125°C
2.70
2.80
V
Output Voltage Low
VOL
RL = 100 kΩ to V+
4.5
10
mV
−40°C to +125°C
35
mV
RL = 2 kΩ to V+
40
75
mV
−40°C to +125°C
130
mV
Short-Circuit Limit
ISC
Sink/source
±8.75
±13.50
mA
−40°C to +125°C
±6.0
±10.5
mA
Open-Loop Impedance
ZOUT
f = 1 MHz, AV = 1
200
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 12 V
80
110
dB
−40°C ≤ TA ≤ +125°C
75
110
dB
Supply Current/Amplifier
ISY
VO = 0 V
200
350
μA
−40°C ≤ TA ≤ +125°C
330
480
μA
DYNAMIC PERFORMANCE
Slew Rate
+SR
RL = 10 kΩ
0.4
V/μs
Slew Rate
–SR
RL = 10 kΩ
0.4
V/μs
Full-Power Bandwidth
BWP
1% distortion
1.2
kHz
Settling Time
tS
To 0.01%
22
μs
Gain Bandwidth Product
GBP
3
MHz
Phase Margin
θO
45
Degrees
Channel Separation
CS
f = 1 kHz, RL = 10 kΩ
145
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
2
μV p-p
Voltage Noise Density
en
f = 1 kHz
30
nV/√Hz
Current Noise Density
in
0.8
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com