Electronic Components Datasheet Search
  English  ▼

X  

OP220GZ Datasheet(PDF) 1 Page - Analog Devices

Part # OP220GZ
Description  Dual Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP220GZ Datasheet(HTML) 1 Page - Analog Devices

  OP220GZ Datasheet HTML 1Page - Analog Devices OP220GZ Datasheet HTML 2Page - Analog Devices OP220GZ Datasheet HTML 3Page - Analog Devices OP220GZ Datasheet HTML 4Page - Analog Devices OP220GZ Datasheet HTML 5Page - Analog Devices OP220GZ Datasheet HTML 6Page - Analog Devices OP220GZ Datasheet HTML 7Page - Analog Devices OP220GZ Datasheet HTML 8Page - Analog Devices OP220GZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP220
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
8-Lead Hermatic Dip
(Z-Suffix)
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
1
2
3
4
5
6
7
8
OP220
Dual Micropower
Operational Amplifier
+IN
V+
–IN
Q1
Q3
Q4
Q5
Q6
Q7
Q9
Q11
Q10
Q12
Q13
Q8
Q26
Q27
Q28
Q29
V–
OUTPUT
Q33
Q2
NULL*
*ACESSIBLE IN CHIP FORM ONLY
Figure 1. Simplified Schematic
FEATURES
Excellent TCVOS Match: 2
V/ C Max
Low Input Offset Voltage: 150
V Max
Low Supply Current: 100
A
Single-Supply Operation: 5 V to 30 V
Low Input Offset Voltage Drift: 0.75
V/ C Max
High Open-Loop Gain: 2,000 V/mV
High PSRR: 3
V/V
Low Input Bias Current: 12 nA
Wide Common-Mode Voltage Range: V– to Within
1.5 V of V+
Pin Compatible with 1458, LM158, and LM2904
Available in Die Form
GENERAL DESCRIPTION
The OP220 is a monolithic dual operational amplifier that can
be used either in single or dual supply operation. The low offset
voltage and input offset voltage tracking as low as 1.0
mV/∞C,
make this the first micropower precision dual operational amplifier.
The excellent specifications of the individual amplifiers com-
bined with the tight matching and temperature tracking between
channels provides high performance in instrumentation ampli-
fier designs. The individual amplifiers feature extremely low
input offset voltage, low offset voltage drift, low noise voltage,
and low bias current. They are fully compensated and protected.
Matching between channels is provided on all critical parameters
including input offset voltage, tracking of offset voltage versus
temperature, noninverting bias currents, and common-mode
rejection ratios.
PIN CONFIGURATIONS
8-Lead Plastic Dip
(P-Suffix)
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
1
2
3
4
5
6
7
8
OP220
8-Lead SOIC
(S-Suffix)
+IN A
V–
+IN B
–IN B
–IN A
OUT A
V+
OUT B
1
2
3
4
5
6
7
8
8-Lead TO-99
(J-Suffix)


Similar Part No. - OP220GZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP220GZ AD-OP220GZ Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
OP220GZ AD-OP220GZ Datasheet
368Kb / 12P
Dual Micropower Operational Amplifier
REV. A
logo
Maxwell Technologies
OP220GZ MAXWELL-OP220GZ Datasheet
237Kb / 7P
Dual Micropower Operational Amplifier
More results

Similar Description - OP220GZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
CMOS Dual Micropower Operational Amplifier
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
logo
Analog Devices
OP-220 AD-OP-220 Datasheet
434Kb / 8P
DUAL MICROPOWER OPERATIONAL AMPLIFIER
OP220 AD-OP220 Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
Dual Micropower Operational Amplifier
REV. A
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
LMC6042 CMOS Dual Micropower Operational Amplifier
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com