Electronic Components Datasheet Search
  English  ▼

X  

OP220GZ Datasheet(PDF) 9 Page - Analog Devices

Part # OP220GZ
Description  Dual Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP220GZ Datasheet(HTML) 9 Page - Analog Devices

Back Button OP220GZ Datasheet HTML 4Page - Analog Devices OP220GZ Datasheet HTML 5Page - Analog Devices OP220GZ Datasheet HTML 6Page - Analog Devices OP220GZ Datasheet HTML 7Page - Analog Devices OP220GZ Datasheet HTML 8Page - Analog Devices OP220GZ Datasheet HTML 9Page - Analog Devices OP220GZ Datasheet HTML 10Page - Analog Devices OP220GZ Datasheet HTML 11Page - Analog Devices OP220GZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. A
OP220
–9–
In this instrumentation amplifier configuration, error due to
CMRR effect is directly proportional to the differential CMRR
of the op amps. For the OP220A/E, this combined CMRR is a
minimum of 98 dB. A combined CMRR value of 100 dB and
common-mode input range of
±2.5 V indicates a peak input-
referred error of only
±25 mV.
Resistor matching is the other factor affecting CMRR. Defining
Ad as the differential gain of the instrumentation amplifier and
assuming that R1, R2, R3 and R4 are approximately equal (RN
will be the nominal value), then CMRR will be approximately
AD divided by 4
DR/RN. CMRR at differential gain of 100 would
be 88 dB with resistor matching of 0.1%. Trimming R1 to make
the ratio R3/R4 equal to R2/R1 will directly raise the CMRR
until it is limited by linearity and resistor stability considerations.
The high open-loop gain of the OP220 is very important in
achieving high accuracy in the two-op-amp instrumentation
amplifier configuration. Gain error can be approximated by:
Gain Error
=
+
<
1
1
2
1
02
01
02
A
A
A
AA
D
D
,
where AD is the instrumentation amplifier differential gain and
A02 is the open-loop gain of op amp A2. This analysis assumes
equal values of R1, R2, R3, and R4. For example, consider an
OP220 with A02 of 700 V/mV. If the differential gain AD were
set to 700, the gain error would be 1/1.001 which is approxi-
mately 0.1%.
Another effect of finite op amp gain is undesired feedthrough of
common-mode input. Defining A01 as the open-loop gain of op
amp A1, then the common-mode error (CME) at the output
due to this effect will be approximately:
CME
A
A
A
A
V
D
D
CM
=
+
2
1
1
01
01
For AD/A01, < 1, this simplifies to (2 AD/A01)
VCM. If the op
amp gain is 700 V/mV, VCM is 2.5 V, and AD is set to 700, then
the error at the output due to this effect will be approximately 5 mV.
The OP220 offers a unique combination of excellent dc perfor-
mance, wide input range, and low supply current drain that is
particularly attractive for instrumentation amplifier design.
THREE OP AMP CONFIGURATION
A three op amp instrumentation amplifier configuration using
the OP220 and OP777 is recommended for applications requiring
high accuracy over a wide gain range. This circuit provides
excellent CMR over a wide input range. As with the two op amp
instrumentation amplifier circuits, tight matching of the two op
amps provides a real boost in performance.
A2
+
VCM + 1/2 VD
1/2
OP220
A1
–
VD
VCM – 1/2 VD
1/2
OP220
R1
R1
V+
V–
R0
A3
OP777
R2
V+
V–
R2
R2
V1
VO
R2
V2
VO = VD 1 +
2R1
R0
Figure 5. Three Op Amp Instrumentation Amplifier Using
OP220 and OP777
A simplified schematic is shown in Figure 2. The input stage
(A1 and A2) serves to amplify the differential input VD without
amplifying the common-mode voltage VCM. The output stage
then rejects the common-mode input. With ideal op amps and
no resistor matching errors, the outputs of each amplifier will be:
V
R
R
V
V
V
R
R
V
V
VV
V
R
R
V
VA V
O
D
CM
O
D
CM
O
O
D
OD D
11
21
2
21
21
2
21
1
21
=- +
Ê
ËÁ
ˆ
¯˜
+
=+
Ê
ËÁ
ˆ
¯˜
+
=-
= +
Ê
ËÁ
ˆ
¯˜
=
The differential gain AD is 1 + 2R1/RO and the common-mode
input VCM is rejected.
This three op amp instrumentation amplifier configuration using an
OP220 at the input and an OP777 at the output provides excellent
performance over a wide gain range with very low power consump-
tion. A gain range of 1 to 2,000 is practical and CMR of over
120 dB is readily achievable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com