Electronic Components Datasheet Search
  English  ▼

X  

UPC8105GR Datasheet(PDF) 13 Page - NEC

Part # UPC8105GR
Description  400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8105GR Datasheet(HTML) 13 Page - NEC

Back Button UPC8105GR Datasheet HTML 8Page - NEC UPC8105GR Datasheet HTML 9Page - NEC UPC8105GR Datasheet HTML 10Page - NEC UPC8105GR Datasheet HTML 11Page - NEC UPC8105GR Datasheet HTML 12Page - NEC UPC8105GR Datasheet HTML 13Page - NEC UPC8105GR Datasheet HTML 14Page - NEC UPC8105GR Datasheet HTML 15Page - NEC UPC8105GR Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet P10807EJ3V0DS00
13
µµµµPC8105GR
PACKAGE DIMENSIONS
16 PIN PLASTIC SHRINK SOP (225 mil) (UNIT: mm)
NOTE
Each lead centerline is located within 0.10 mm of its true position (T.P.) at maximum material condition.
detail of lead end
16
9
18
5
° ± 5°
5.2
± 0.3
4.4
± 0.2
0.9
± 0.2
6.2
± 0.3
0.17
0.5
± 0.2
S
0.10
+0.08
−0.07
M
0.22
± 0.08
0.125
± 0.075
0.65
S
1.44
1.565
± 0.235
0.10
0.475 MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com