Electronic Components Datasheet Search
  English  ▼

X  

UPC8105GR Datasheet(PDF) 2 Page - NEC

Part # UPC8105GR
Description  400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8105GR Datasheet(HTML) 2 Page - NEC

  UPC8105GR Datasheet HTML 1Page - NEC UPC8105GR Datasheet HTML 2Page - NEC UPC8105GR Datasheet HTML 3Page - NEC UPC8105GR Datasheet HTML 4Page - NEC UPC8105GR Datasheet HTML 5Page - NEC UPC8105GR Datasheet HTML 6Page - NEC UPC8105GR Datasheet HTML 7Page - NEC UPC8105GR Datasheet HTML 8Page - NEC UPC8105GR Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet P10807EJ3V0DS00
2
µµµµPC8105GR
SERIES PRODUCTS
SERIES TYPE
PART
NUMBER
f LO1 in
(MHz)
f MODout
(MHz)
f I/Q
(MHz)
Up-Converter
f RFout (MHz)
APPLICATIONS
150 MHz Quadrature MOD
µPC8101GR
100 to
300
50 to 150
DC to 0.5
External
CT2, Digital Comm.
Up-Con
+ Quadrature MOD
µPC8104GR
100 to 400
DC to 10
800 to 1900
Digital Comm.
400 MHz Quadrature MOD
µPC8105GR
100 to 400
DC to 10
External
Digital Comm.
Remark: As for detail information of series products, please refer to each data sheet.
INTERNAL BLOCK DIAGRAM AND PIN CONNECTIONS (Top View)
1
2
3
4
5
6
7
8
LOin
LOin
GND
I-INPUT
I-INPUT
Q-INPUT
Q-INPUT
GND
16
15
14
13
12
11
10
9
VCC
Power Save
GND
GND
MODout
N.C.
N.C.
N.C.
90˚
Phase
Sifter
REG.
APPLICATION EXAMPLE
[Digital cellular hand-held phone]
DEMO
I
Q
PLL
RX
TX
PA
PC8106T
I
Q
PLL
0˚
90˚
÷N
SW
Phase
shifter
PC8105GR
µ
µ
Low-noise transistor
VCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com