Electronic Components Datasheet Search
  English  ▼

X  

OP271 Datasheet(PDF) 2 Page - Analog Devices

Part # OP271
Description  High-Speed, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP271 Datasheet(HTML) 2 Page - Analog Devices

  OP271_15 Datasheet HTML 1Page - Analog Devices OP271_15 Datasheet HTML 2Page - Analog Devices OP271_15 Datasheet HTML 3Page - Analog Devices OP271_15 Datasheet HTML 4Page - Analog Devices OP271_15 Datasheet HTML 5Page - Analog Devices OP271_15 Datasheet HTML 6Page - Analog Devices OP271_15 Datasheet HTML 7Page - Analog Devices OP271_15 Datasheet HTML 8Page - Analog Devices OP271_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
OP271–SPECIFICATIONS
(VS =
±15 V, TA = 25∞C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
OP271A/E
OP271F
OP271G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET
VOLTAGE
VOS
75
200
150
300
200
400
mV
INPUT OFFSET
CURRENT
IOS
VCM = 0 V
1
10
4
15
7
20
nA
INPUT BIAS
CURRENT
IB
VCM = 0 V
4
20
6
40
12
60
nA
INPUT NOISE
VOLTAGE
DENSITY
en
fO = 1 kHz
7.6
7.6
7.6
nV/Hz
LARGE-SIGNAL
VO =
±10 V
VOLTAGE
AVO
RL = 10 k
W
400
650
300
500
250
400
V/mV
GAIN
RL = 2 k
W
300
500
200
300
175
250
V/mV
INPUT VOLTAGE
RANGE
IVR
±12 ±12.5
±12
±12.5
±12
±12.5
V
OUTPUT
VOLTAGE SWING VO
RL
≥ 2 kW±12 ±13
±12
±13
±12
±13
V
COMMON-MODE
REJECTION
CMR
VCM =
±12 V 106
120
100
115
90
105
dB
POWER SUPPLY
REJECTION
PSRR
VS =
±4.5 V
0.6
3.2
1.8
5.6
2.4
7.0
mV/V
RATIO
to
±18 V
SLEW RATE
SR
5.5
8.5
5.5
8.5
5.5
8.5
V/
ms
PHASE MARGIN
um
AV = +1
62
62
62
degrees
SUPPLY CURRENT
(ALL AMPLIFIERS) ISY
No Load
4 5
6.5
4.5
6.5
4.5
6.5
mA
GAIN
BANDWIDTH
PRODUCT
GBW
5
5
5
MHz
CHANNEL
CS
VO = 20 Vp-p
125
175
125
175
175
dB
SEPARATION
fO = 10 Hz
125
175
125
175
175
dB
INPUT
CAPACITANCE
CIN
33
3
pF
INPUT
RESISTANCE
DIFFERENTIAL-
MODE
RIN
0.4
0.4
0.4
M
W
INPUT
RESISTANCE
COMMON
MODE
RINCM
20
20
20
G
W
SETTLING TIME
tS
AV = +1,
10 V Step
to 0.01%
2
2
2
ms
NOTES
1Guaranteed by CMR test.
2Guaranteed but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com