Electronic Components Datasheet Search
  English  ▼

X  

OP271 Datasheet(PDF) 3 Page - Analog Devices

Part # OP271
Description  High-Speed, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP271 Datasheet(HTML) 3 Page - Analog Devices

  OP271_15 Datasheet HTML 1Page - Analog Devices OP271_15 Datasheet HTML 2Page - Analog Devices OP271_15 Datasheet HTML 3Page - Analog Devices OP271_15 Datasheet HTML 4Page - Analog Devices OP271_15 Datasheet HTML 5Page - Analog Devices OP271_15 Datasheet HTML 6Page - Analog Devices OP271_15 Datasheet HTML 7Page - Analog Devices OP271_15 Datasheet HTML 8Page - Analog Devices OP271_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
–3–
OP271
ELECTRICAL CHARACTERISTICS
OP271A
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
115
400
mV
AVERAGE INPUT OFFSET
VOLTAGE DRIFT
TCVOS
0.4
2
mV/∞C
INPUT OFFSET CURRENT
IOS
VCM = 0 V
1.5
30
nA
INPUT BIAS CURRENT
IB
VCM = 0 V
7
60
nA
LARGE-SIGNAL VOLTAGE
AVO
VO =
±10 V
GAIN
RL = 10 k
W
300
600
V/mV
RL = 2 k
W
200
500
V/mV
INPUT VOLTAGE RANGE
1
IVR
±12
±12.5
V
OUTPUT VOLTAGE SWING
VO
RL
≥ 2 kW±12
±13
V
COMMON-MODE REJECTION
CMR
VCM =
±12 V
100
120
dB
POWER SUPPLY REJECTION
RATIO
PSRR
VS =
±4.5 V to ±18 V
1.0
5.6
mV/V
SUPPLY CURRENT
(ALL AMPLIFIERS)
ISY
No Load
5.3
75
mA
NOTE
1Guaranteed by CMR test.
ELECTRICAL CHARACTERISTICS
OP271A/E
OP271F
OP271G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET
VOLTAGE
VOS
100
330
215
560
300
700
mV
AVERAGE INPUT
OFFSET
VOLTAGE DRIFT
TCVOS
0.4
2
1
4
2.0
5
mV/∞C
INPUT OFFSET
CURRENT
IOS
VCM = 0 V
1
30
5
40
15
50
nA
INPUT BIAS
CURRENT
IB
VCM = 0 V
6
60
10
70
15
80
nA
LARGE-SIGNAL
AVO
VO =
± 10 V
VOLTAGE GAIN
RL = 10 k
W
300
600
200
500
150
400
V/mV
RL = 2 k
W
200
500
100
400
90
300
V/mV
INPUT VOLTAGE
RANGE
1
IVR
±12
±12.5
±12
±12.5
±12
±12.5
V
OUTPUT
VOLTAGE SWING VO
RL
≥ 2 kW±12
±13
±12
±13
±12
±13
V
COMMON-MODE
REJECTION
CMR
VCM =
±12 V 100
120
94
115
90
100
dB
POWER SUPPLY
REJECTION
PSRR
VS =
±4.5 V
0.7
5.6
51.8
10
2.0
15
mV/V
RATIO
to
±18 V
SUPPLY CURRENT
(ALL AMPLIFIERS) ISY
No Load
5.2
7.2
5.2
7.2
5.2
7.2
mA
NOTE
1Guaranteed by CMR test.
(VS =
±15 V, –55∞C £ TA £ 125∞C for OP271A, unless otherwise noted.)
(VS =
±15 V, –40∞C £ TA £ +85∞C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com