Electronic Components Datasheet Search
  English  ▼

X  

2SC4536 Datasheet(PDF) 10 Page - California Eastern Labs

Part # 2SC4536
Description  NPN MEDIUM POWER MICROWAVE TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4536 Datasheet(HTML) 10 Page - California Eastern Labs

Back Button 2SC4536 Datasheet HTML 2Page - California Eastern Labs 2SC4536 Datasheet HTML 3Page - California Eastern Labs 2SC4536 Datasheet HTML 4Page - California Eastern Labs 2SC4536 Datasheet HTML 5Page - California Eastern Labs 2SC4536 Datasheet HTML 6Page - California Eastern Labs 2SC4536 Datasheet HTML 7Page - California Eastern Labs 2SC4536 Datasheet HTML 8Page - California Eastern Labs 2SC4536 Datasheet HTML 9Page - California Eastern Labs 2SC4536 Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
OUTLINE DIMENSIONS
46100(CHIP)
(Units in m)
Thickness: 160 m
BOTTOM VIEW
TOP VIEW
Lot Number Identifier
Part Number Identifier
PACKAGE OUTLINE 34
(SOT-89)
(Units in mm)
NE46100, NE46134
PART NUMBER
QUANTITY
PACKAGING
NE46100
100
Waffle Pack
NE46134-T1
1000
Tape & Reel
ORDERING INFORMATION
Q X
X X
B
C
E
0.8 MIN
0.42 0.06
4.5 0.1
1.6 0.2
1.5
1.5
0.47 0.06
0.42 0.06
2.5 0.1
4.0 0.25
1.5 0.1
+0.03
-0.05
0.41
3
2
1
E
B
C
450
115
85
190
E
B
65
65
240
550
07/30/2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com