Electronic Components Datasheet Search
  English  ▼

X  

2SC5007 Datasheet(PDF) 6 Page - California Eastern Labs

Part # 2SC5007
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5007 Datasheet(HTML) 6 Page - California Eastern Labs

  2SC5007 Datasheet HTML 1Page - California Eastern Labs 2SC5007 Datasheet HTML 2Page - California Eastern Labs 2SC5007 Datasheet HTML 3Page - California Eastern Labs 2SC5007 Datasheet HTML 4Page - California Eastern Labs 2SC5007 Datasheet HTML 5Page - California Eastern Labs 2SC5007 Datasheet HTML 6Page - California Eastern Labs 2SC5007 Datasheet HTML 7Page - California Eastern Labs 2SC5007 Datasheet HTML 8Page - California Eastern Labs 2SC5007 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
S-PARAMETER
VCE = 3 V, IC = 5 mA, ZO = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.911
–21.8
9.295
155.2
.026
72.9
.934
–14.9
200.00
.821
–41.2
8.756
136.9
.045
58.4
.824
–26.3
300.00
.733
–60.9
8.333
121.6
.059
49.0
.709
–33.6
400.00
.650
–79.2
7.605
108.6
.068
42.2
.620
–37.8
500.00
.575
–96.1
7.040
96.7
.076
37.7
.554
–40.8
600.00
.521
–109.4
6.212
86.3
.082
33.3
.499
–42.4
700.00
.475
–122.0
5.673
77.2
.089
29.8
.461
–43.5
800.00
.445
–132.9
5.129
68.6
.094
26.7
.426
–44.4
900.00
.425
–142.3
4.684
60.9
.100
24.4
.401
–44.9
1000.00
.410
–150.8
4.305
53.7
.106
21.7
.378
–46.2
1100.00
.402
–158.1
3.970
47.0
.113
19.1
.360
–46.3
1200.00
.395
–165.2
3.691
40.6
.120
15.8
.346
–47.5
1300.00
.393
–171.3
3.437
34.4
.126
13.1
.329
–48.0
1400.00
.395
–176.8
3.225
28.3
.132
10.5
.319
–49.8
1500.00
.394
177.8
3.026
22.1
.139
7.6
.304
–50.8
1600.00
.400
173.3
2.877
16.6
.148
4.8
.296
–51.9
1700.00
.402
168.5
2.711
10.6
.155
1.6
.285
–54.3
1800.00
.411
164.8
2.585
5.1
.163
–2.0
.273
–55.8
1900.00
.421
160.0
2.476
–.9
.169
–5.6
.260
–58.0
2000.00
.428
155.5
2.356
–6.3
.174
–8.7
.248
–59.4
2100.00
.435
151.7
2.262
–11.9
.181
–11.7
.240
–61.5
2200.00
.440
148.5
2.165
–17.4
.188
–14.9
.229
–64.1
2300.00
.451
145.0
2.099
–22.9
.196
–18.4
.221
–66.1
2400.00
.455
141.9
2.012
–28.2
.203
–21.8
.209
–69.1
2500.00
.466
139.2
1.949
–33.3
.210
–25.1
.200
–71.4
2600.00
.473
135.9
1.882
–38.8
.219
–28.8
.190
–76.0
2700.00
.481
133.6
1.825
–43.8
.225
–32.3
.179
–79.0
2800.00
.491
130.9
1.768
–49.2
.233
–35.8
.171
–83.7
2900.00
.500
128.4
1.708
–54.1
.241
–39.2
.161
–88.1
3000.00
.511
126.0
1.667
–59.3
.250
–43.0
.155
–92.9
VCE = 3 V, IC = 3 mA, ZO = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.966
–15.9
5.685
159.8
.027
75.8
.964
–10.8
200.00
.900
–32.9
5.646
142.9
.050
61.9
.897
–20.1
300.00
.842
–48.9
5.582
128.9
.067
50.8
.813
–27.0
400.00
.774
–64.5
5.257
116.6
.079
42.0
.737
–32.0
500.00
.717
–79.4
5.097
105.5
.089
35.8
.674
–35.9
600.00
.662
–92.0
4.613
94.7
.096
28.7
.618
–38.5
700.00
.607
–104.8
4.379
84.9
.102
24.7
.575
–40.4
800.00
.565
–116.7
4.097
75.2
.107
20.3
.535
–42.3
900.00
.530
–127.3
3.843
66.7
.112
17.3
.505
–43.2
1000.00
.505
–136.9
3.598
58.5
.116
13.3
.477
–44.8
1100.00
.484
–145.1
3.359
51.2
.120
10.7
.456
–45.4
1200.00
.472
–153.4
3.164
43.9
.124
7.8
.439
–47.0
1300.00
.463
–160.3
2.952
37.2
.129
5.4
.420
–47.8
1400.00
.458
–166.7
2.796
30.8
.133
2.7
.407
–49.5
1500.00
.454
–172.7
2.631
24.4
.137
.2
.392
–51.0
1600.00
.455
–178.2
2.508
18.2
.143
–2.4
.383
–52.2
1700.00
.455
176.3
2.382
11.8
.148
–5.2
.369
–54.2
1800.00
.461
171.8
2.275
6.0
.155
–7.9
.359
–56.0
1900.00
.468
166.5
2.182
–.1
.159
–11.9
.345
–58.2
2000.00
.472
161.5
2.077
–5.9
.162
–14.1
.335
–59.9
2100.00
.479
157.3
2.009
–11.6
.168
–16.4
.326
–62.1
2200.00
.481
153.7
1.926
–17.3
.173
–19.3
.315
–64.1
2300.00
.490
149.6
1.864
–22.9
.180
–21.9
.306
–66.6
2400.00
.494
146.0
1.784
–28.5
.186
–24.8
.295
–69.4
2500.00
.504
143.0
1.731
–33.7
.193
–27.2
.286
–71.9
2600.00
.510
139.4
1.677
–39.4
.199
–30.3
.277
–75.6
2700.00
.517
136.7
1.625
–44.6
.206
–33.5
.267
–78.6
2800.00
.529
133.6
1.576
–50.0
.214
–36.6
.260
–82.4
2900.00
.534
130.9
1.524
–55.1
.221
–39.8
.250
–86.6
3000.00
.546
128.3
1.489
–60.3
.229
–43.1
.245
–90.5
NE68119 / 2SC5007



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com