Electronic Components Datasheet Search
  English  ▼

X  

2SC5007 Datasheet(PDF) 1 Page - California Eastern Labs

Part # 2SC5007
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5007 Datasheet(HTML) 1 Page - California Eastern Labs

  2SC5007 Datasheet HTML 1Page - California Eastern Labs 2SC5007 Datasheet HTML 2Page - California Eastern Labs 2SC5007 Datasheet HTML 3Page - California Eastern Labs 2SC5007 Datasheet HTML 4Page - California Eastern Labs 2SC5007 Datasheet HTML 5Page - California Eastern Labs 2SC5007 Datasheet HTML 6Page - California Eastern Labs 2SC5007 Datasheet HTML 7Page - California Eastern Labs 2SC5007 Datasheet HTML 8Page - California Eastern Labs 2SC5007 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
SILICON TRANSISTOR
Document No. P10386EJ2V0DS00 (2nd edition)
(Previous No. TD-2400)
Date Published July 1995 P
NE68119 / 2SC5007
NPN SILICON EPITAXIAL TRANSISTOR
3 PINS ULTRA SUPER MINI MOLD
DESCRIPTION
The
NE68119 / 2SC5007 is an NPN epitaxial silicon transistor designed for use in low noise and small signal
amplifiers from VHF band to UHF band. Low noise figure, high gain, and high current capability achieve a very wide
dynamic range and excellent linearity. This is achieved by direct nitride passivated base surface, process (NEST2
process) which is a proprietary fabrication technique.
FEATURES
•
Low Voltage Use.
•
High fT
: 7.0 GHz TYP. (@ VCE = 3 V, IC = 7 mA, f = 1 GHz)
•
Low Cre
: 0.45 pF TYP. (@ VCE = 3 V, IE = 0, f = 1 MHz)
•
Low NF
: 1.4 dB TYP. (@ VCE = 3 V, IC = 7 mA, f = 1 GHz)
•
High |S21e|2: 12 dB TYP. (@ VCE = 3 V, IC = 7 mA, f = 1 GHz)
•
Ultra Super Mini Mold Package.
ORDERING INFORMATION
PART
QUANTITY
PACKING STYLE
NUMBER
NE68119-A
2SC5007
-A
50 pcs./Unit
NE68119-T1-A
2SC5007-T1
-A
3 kpcs./Reel
*
To order evaluation samples, please contact your nearby sales
office. Unit sample quantity shall be 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
10
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
65
mA
Total Power Dissipation
PT
125
mW
Junction Temperature
Tj
150
˚ C
Storage Temperature
Tstg
–65 to +150
˚ C
Embossed tape 8 mm wide.
Pin3 (Collector) face to perforation side
of the tape.
1.6 ± 0.1
0.8 ± 0.1
2
1
3
PACKAGE DIMENSIONS
in millimeters
1. Emitter
2. Base
3. Collector
JEITA
Part No.


Similar Part No. - 2SC5007

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5007 NEC-2SC5007 Datasheet
63Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5007 RENESAS-2SC5007 Datasheet
236Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5007-T1 NEC-2SC5007-T1 Datasheet
63Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5007-T1 RENESAS-2SC5007-T1 Datasheet
236Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007-T1-A RENESAS-2SC5007-T1-A Datasheet
236Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results

Similar Description - 2SC5007

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com