Electronic Components Datasheet Search
  English  ▼

X  

200HF Datasheet(PDF) 3 Page - International Rectifier

Part # 200HF
Description  STANDARD RECOVERY DIODES Stud Version
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

200HF Datasheet(HTML) 3 Page - International Rectifier

  200HF Datasheet HTML 1Page - International Rectifier 200HF Datasheet HTML 2Page - International Rectifier 200HF Datasheet HTML 3Page - International Rectifier 200HF Datasheet HTML 4Page - International Rectifier 200HF Datasheet HTML 5Page - International Rectifier 200HF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
200HF(R) Series
3
Bulletin I2020 rev. A 07/94
www.irf.com
Parameter
200HF(R)
Units
Conditions
°C
T
J
Max. operating temperature range
-40 to 180
T
stg
Max. storage temperature range
-55 to 180
R
thJC
Max. thermal resistance, junction to case
0.17
DC operation
R
thCS
Max. thermal resistance, case to heatsink
0.08
Mounting surface, smooth, flat and greased
T
Max. allowed mounting torque +0 -20%
11
Not lubricated threads
10
Lubricated threads
wt
Approximate weight
120
g
Case style
DO-205AC(DO-30)
See Outline Table
K/W
Nm
Thermal and Mechanical Specification
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
180°
0.045
0.037
T
J = TJ max.
120°
0.056
0.061
90°
0.073
0.079
K/W
60°
0.102
0.105
30°
0.154
0.156
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
Ordering Information Table
200 HF
R
120
P
B
V
1
23
4
5
6
Device Code
1
-
Essential Part Number
2
-
Diode
3
-
None = Stud Normal Polarity (Cathode to Stud)
R = Stud Reverse Polarity (Anode to Stud)
4
-
Voltage code: Code x 10 = V
RRM
(See Voltage Ratings table)
5
-
P = Stud base DO-205AC(DO-30) 1/2" 20UNF-2A
M= Stud base DO-205AC(DO-30) M12x1.75
6
-
B = Flag top terminals (for Cathode/ Anode Leads)
S = Isolated lead with silicone sleeve
(Red = Reverse Polarity; Blue = Normal Polarity)
None = Not isolated lead
7
-
V = Glass-metal seal
7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com