Electronic Components Datasheet Search
  English  ▼

X  

200HF Datasheet(PDF) 2 Page - International Rectifier

Part # 200HF
Description  STANDARD RECOVERY DIODES Stud Version
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

200HF Datasheet(HTML) 2 Page - International Rectifier

  200HF Datasheet HTML 1Page - International Rectifier 200HF Datasheet HTML 2Page - International Rectifier 200HF Datasheet HTML 3Page - International Rectifier 200HF Datasheet HTML 4Page - International Rectifier 200HF Datasheet HTML 5Page - International Rectifier 200HF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
200HF(R) Series
2
Bulletin I2020 rev. A 07/94
www.irf.com
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ 180°C
VV
mA
40
400
500
200HF(R)
80
800
900
15
120
1200
1300
I
F(AV)
Max. average forward current
200
A
180° conduction, half sine wave
@ Case temperature
125
°C
I
F(RMS)
Max. RMS forward current
314
A
DC @ 120°C case temperature
I
FSM
Max. peak, one-cycle forward,
4400
t = 10ms
No voltage
non-repetitive surge current
4610
t = 8.3ms
reapplied
3700
t = 10ms
100% V
RRM
3870
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
97
t = 10ms
No voltage
Initial T
J
= T
J
max
88
t = 8.3ms
reapplied
68
t = 10ms
100% V
RRM
62
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
968
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1 Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.45
V
I
pk
= 628A, T
J
= 25 °C
Parameter
200HF(R)
Units Conditions
Forward Conduction
0.85
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
1.04
(I >
π x I
F(AV)
), T
J
= T
J
max.
0.85
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
0.59
(I >
π x I
F(AV)
), T
J
= T
J
max.
KA2s
A
V
m
Ω
ELECTRICAL SPECIFICATIONS
Voltage Ratings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com