Electronic Components Datasheet Search
  English  ▼

X  

ALUC1900B2 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ALUC1900B2
Description  Internally Matched Balanced LNA Module Including Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALUC1900B2 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ALUC1900B2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALUC1900B2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALUC1900B2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
www.asb.co.kr
January 2010
plerowTM ALUC1900B2
Internally Matched Balanced LNA Module
Including Coupler
Parameter
Unit
Specifications
Min
Typ
Max
Frequency Range
MHz
1880
1920
Gain
dB
26
27
Gain Flatness
dB
0.2
0.3
Noise Figure
dB
0.65
0.70
Output IP3 (1)
dBm
39
40.5
S11/S22 (2)
dB
-20/-20
Output P1dB
dBm
23
24
Switching Time (3)
sec
-
Supply Current
mA
240
280
Supply Voltage
V
5
Impedance
50
Max. RF Input Power
dBm
C.W 29~31(before fail)
Package Type & Size
mm
Surface Mount Type, 22Wx12Lx5H
Operating temperature is
–40
C to +85 C.
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1 MHz.
2) S11, S22(max) is the worst value within the frequency band.
3) Switching time means the time that takes for output power to get stabilized to its final level after switching DC voltage from 0 V to VS.
Port Number
Function
1
RF In
5
RF Out
4, 8
Vs
Others, Bottom
GND
Features
·
S21 = 27.2 dB@1880 MHz
= 26.8 dB@1920 MHz
·
NF of 0.65 dB over Frequency
·
Unconditionally Stable
·
Single 5 V Supply
·
High OIP3@Low Current
·
2-stage Balanced Type
Specifications (in Production)
Features
·
S21 = 27.2 dB@1880 MHz
= 26.8 dB@1920 MHz
·
NF of 0.65 dB over Frequency
·
Unconditionally Stable
·
Single 5 V Supply
·
High OIP3@Low Current
·
2-stage Balanced Type
Website: www.asb.co.kr
E-mail: sales@asb.co.kr
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
More Information
Specifications (in Production)
Typ.@T = 25
C, Vs = 5 V, Freq. = 1900 MHz, Zo.sys = 50 ohms
Outline Drawing (Unit: mm)
(Top View)
(Bottom side View)
(Right side View)
1
3
7
5
8
4
ALUC1900B2
2
6
Solder Stencil Area
Ø
0.4 plated thru holes to ground plane
(Recommended Footprint)
Note: 1. The number and size of ground via holes in
a circuit board is critical for thermal RF
grounding considerations.
2. We recommend that the ground via holes be
placed on the bottom of all ground pins for
better RF and thermal performance, as
shown in the drawing at the left side.
2-stage Balanced Type


Similar Part No. - ALUC1900B2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALUC1405B1 ASB-ALUC1405B1 Datasheet
506Kb / 3P
Internally Matched Balanced LNA Module Including Coupler
January 2010
More results

Similar Description - ALUC1900B2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
Internally Matched LNA Module
April 2010
ALE3500T2 ASB-ALE3500T2 Datasheet
422Kb / 3P
Internally Matched LNA Module
March 2010
ALN0113 ASB-ALN0113 Datasheet
370Kb / 3P
Internally Matched LNA Module
February 2012
ALN0855 ASB-ALN0855 Datasheet
409Kb / 3P
Internally Matched LNA Module
December 2009
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
Internally Matched LNA Module
June 2009
ALUC1405B1 ASB-ALUC1405B1 Datasheet
506Kb / 3P
Internally Matched Balanced LNA Module Including Coupler
January 2010
ALUC2380B1 ASB-ALUC2380B1 Datasheet
603Kb / 3P
Internally Matched Balanced LNA Module Including Coupler
January 2010
ALUC2535B3 ASB-ALUC2535B3 Datasheet
618Kb / 3P
Internally Matched Balanced LNA Module Including Coupler
February 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com