Electronic Components Datasheet Search
  English  ▼

X  

GP20D Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # GP20D
Description  2.0A Axial Leaded Sintered Glass Passivated Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

GP20D Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  GP20D Datasheet HTML 1Page - SUNMATE electronic Co., LTD GP20D Datasheet HTML 2Page - SUNMATE electronic Co., LTD GP20D Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
¾
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
·
Mechanical Data
·
·
·
·
·
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Sintered glass passivated (SGP) rectifier chip
Capable of meeting environmental standards of MIL-S-19500
A
=55° C with no thermal runaway
High temperature soldering
guaranteed: 260°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
RoHS Compliance
Case:
Epoxy:
Terminals:
Polarity:
Weight:
JEDEC DO-204AC(DO-15) molded plastic body
Plastic package has UL flammability classification 94V-0
Plated axial leads, solderable per MIL-STD-750, Method 2026
Color band denotes cathode end
0.015 ounces, 0.4 gram
GP20A-GP20M
2.0A Axial Leaded Sintered Glass Passivated Rectifier
2.0A operation at T
Symbol
Description
GP20A
GP20B
GP20D
GP20G
GP20J
GP20K
GP20M
Unit
Conditions
VRRM
Maximum
Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC
Blocking Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average
Forward Rectified
Current
2.0
A
0.375” (9.5mm)
lead length(Fig.1)
IFSM
Peak Forward
Surge Current
65
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
1of3


Similar Part No. - GP20D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP20D ZOWIE-GP20D Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP20D GE-GP20D Datasheet
59Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GP20D MCC-GP20D Datasheet
80Kb / 3P
2.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
GP20D TSC-GP20D Datasheet
67Kb / 2P
2.0 AMPS. Glass Passivated Junction Plastic Rectifiers
logo
TAITRON Components Inco...
GP20D TAITRON-GP20D Datasheet
132Kb / 4P
2.0A Sintered Glass Passivated Rectifier
More results

Similar Description - GP20D

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
UGF2A TAITRON-UGF2A Datasheet
147Kb / 4P
2.0A Sintered Glass Passivated Ultra Fast Rectifier
UGP20A TAITRON-UGP20A Datasheet
191Kb / 4P
2.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
EGF2A TAITRON-EGF2A Datasheet
144Kb / 5P
2.0A Sintered Glass Passivated Super Fast Rectifier
EGP20A TAITRON-EGP20A Datasheet
139Kb / 4P
2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
GF2A TAITRON-GF2A Datasheet
213Kb / 4P
2.0A Surface Mount Sintered Glass Passivated Rectifier
GP20A TAITRON-GP20A Datasheet
132Kb / 4P
2.0A Sintered Glass Passivated Rectifier
RGF2A TAITRON-RGF2A Datasheet
177Kb / 6P
2.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP20A TAITRON-RGP20A Datasheet
133Kb / 4P
2.0A Sintered Glass Passivated Fast Recovery Rectifier
logo
SUNMATE electronic Co.,...
BY296 SUNMATE-BY296 Datasheet
101Kb / 2P
2.0A Axial Leaded Rectifier
BY448GP SUNMATE-BY448GP Datasheet
116Kb / 2P
2.0A Axial Leaded Sintered Class Junction Plastic Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com