Electronic Components Datasheet Search
  English  ▼

X  

GP20D Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # GP20D
Description  2.0A Axial Leaded Sintered Glass Passivated Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

GP20D Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  GP20D Datasheet HTML 1Page - SUNMATE electronic Co., LTD GP20D Datasheet HTML 2Page - SUNMATE electronic Co., LTD GP20D Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Note: Thermal resistance from junction to ambient at 0.375” (9.5mm) lead lengths, P.C.B mounted.
Symbol
Description
GP20A
GP20B
GP20D
GP20G
GP20J
GP20K
GP20M
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
1.0
V
IF=2.0 A
5
TA=25° C
30
TA=125° C
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
80
µA
TA=150° C
CJ
Typical Junction
Capacitance
25
pF
VR=4V, f=1MHz
RthJA
RthJL
Typical Thermal
Resistance
35
15
°C / W
Note
TJ,TSTG
Operating Junction
and Storage
Temperature Range
-65 to +175
° C
2of3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com