Electronic Components Datasheet Search
  English  ▼

X  

MCL4154 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MCL4154
Description  150mA Surface Mount Fast Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MCL4154 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MCL4154 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MCL4154 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(SOD-80) Glass case
1 of 2
Features
·
·
·
·
@ TA = 25
°C unless otherwise specified
Features
·
·
·
·
Mechanical Data
Maximum Ratings and Electrical Characteristics
150mA Surface Mount Fast Switching Diode
Component in accordance to RoHS 2002/95/EC
Lead (Pb)-free component
Electrical data identical with the device
Silicon Epitaxial Planar Diodes
and WEEE 2002/96/EC
Case:
Weight: approx. 12 mg
Cathode Band Color: Black
Packaging Codes/Options:
TR3 / 10 k per 13" reel (8 mm tape), 10 k/box
TR / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
A
D
B
Dim
Min
Max
A
3.3
3.7
B
1.4
1.6
C
1.7
Æ Typical
D
0.3 Typical
All Dimensions in mm
SOD-80
MCL4154
1N4154
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
35
V
Reverse voltage
VR
25
V
Peak forward surge current
tp = 1 µs
IFSM
2A
Repetitive peak forward current
IFRM
450
mA
Forward continuous current
IF
200
mA
Average forward current
VR = 0
IFAV
150
mA
Power dissipation
Ptot
500
mW
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 30 mA
VF
1000
mV
Reverse current
VR = 25 V
IR
100
nA
VR = 25 V, Tj = 150 °C
IR
100
µA
Breakdown voltage
IR = 5 µA, tp/T = 0.01, tp = 0.3 ms
V(BR)
35
V
Diode capacitance
VR = 0, f = 1 MHz, VHF = 50 mV
CD
4pF
Reverse recovery time
IF = IR = 10 mA, iR = 1 mA
trr
4ns
IF = 10 mA, VR = 6 V,
iR = 0.1 x IR, RL = 100 Ω
trr
2ns


Similar Part No. - MCL4154

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL4154 VISHAY-MCL4154 Datasheet
55Kb / 4P
Silicon Epitaxial Planar Diode
07-Mar-06
logo
Transys Electronics
MCL4154 TRSYS-MCL4154 Datasheet
134Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Vishay Siliconix
MCL4154 VISHAY-MCL4154 Datasheet
131Kb / 5P
Small Signal Fast Switching Diode
07-Mar-06
logo
GOOD-ARK Electronics
MCL4154 GOOD-ARK-MCL4154 Datasheet
113Kb / 2P
Fast Switching Diode
logo
Vishay Siliconix
MCL4154 VISHAY-MCL4154 Datasheet
152Kb / 4P
Small Signal Fast Switching Diode
01-Aug-12
More results

Similar Description - MCL4154

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N4148WS-V SUNMATE-1N4148WS-V Datasheet
162Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
1N4151WS-V SUNMATE-1N4151WS-V Datasheet
219Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
1N4448WS-V SUNMATE-1N4448WS-V Datasheet
204Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
LL4148 SUNMATE-LL4148 Datasheet
77Kb / 2P
150mA Surface Mount Fast Switching Diode
LL4150 SUNMATE-LL4150 Datasheet
70Kb / 2P
150mA Surface Mount Fast Switching Diode
LL4151 SUNMATE-LL4151 Datasheet
84Kb / 2P
150mA Surface Mount Fast Switching Diode
LL4154 SUNMATE-LL4154 Datasheet
79Kb / 2P
150mA Surface Mount Fast Switching Diode
LS4148 SUNMATE-LS4148 Datasheet
120Kb / 2P
150mA Surface Mount Fast Switching Diode
MCL4148 SUNMATE-MCL4148 Datasheet
337Kb / 2P
150mA Surface Mount Fast Switching Diode
MCL4151 SUNMATE-MCL4151 Datasheet
277Kb / 2P
150mA Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com