Electronic Components Datasheet Search
  English  ▼

X  

MCL4154 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # MCL4154
Description  150mA Surface Mount Fast Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MCL4154 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  MCL4154 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MCL4154 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Figure 1. Reverse Current vs. Junction Temperature
040
80
120
160
0.01
0.1
1
10
100
Tj -Junction Temperature (°C)
200
94 9154
V
R = 25 V
Scattering Limit
Figure 2. Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
V - Forward Voltage (V)
2.0
94 9152
F
T = 25 °C
j
T = 100 °C
j
Figure 3. Diode Capacitance vs. Reverse Voltage
0.1
1
10
0
0.5
1.0
1.5
2.0
3.0
VR -Reverse Voltage (V)
100
94 9156
2.5
f=1MHz
T
j = 25 °C
Figure 4. Board for RthJA definition (in mm)
25
2.5
10
0.71
1.3
1.27
9.9
24
0.152
0.355
95 10329



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com