Electronic Components Datasheet Search
  English  ▼

X  

301U Datasheet(PDF) 5 Page - International Rectifier

Part # 301U
Description  STANDARD RECOVERY DIODES Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

301U Datasheet(HTML) 5 Page - International Rectifier

  301U Datasheet HTML 1Page - International Rectifier 301U Datasheet HTML 2Page - International Rectifier 301U Datasheet HTML 3Page - International Rectifier 301U Datasheet HTML 4Page - International Rectifier 301U Datasheet HTML 5Page - International Rectifier 301U Datasheet HTML 6Page - International Rectifier 301U Datasheet HTML 7Page - International Rectifier 301U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
301U(R) Series
Outline Table
Fig. 1 - Current Ratings Characteristics
Fig.2 - Current Ratings Characteristics
110
120
130
140
150
160
170
180
0
50
100
150
200
250
300
350
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduction Angle
R
(DC) = 0.14 K/ W
301U(R) Series(800V to 2000V)
thJC
100
110
120
130
140
150
160
170
180
0
100
200
300
400
500
600
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduction Period
R
(DC) = 0.14 K/ W
thJC
301U(R) Series(800V to 2000V)
303U
IR Case Style B40
CERAMIC HOUSING
16.5 (0.65) MA X.
DIA . 27.3 (1.07)
MA X.
3/8"-24UNF-2A
3/4"-16UNF-2A
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com