Electronic Components Datasheet Search
  English  ▼

X  

301U Datasheet(PDF) 8 Page - International Rectifier

Part # 301U
Description  STANDARD RECOVERY DIODES Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

301U Datasheet(HTML) 8 Page - International Rectifier

  301U Datasheet HTML 1Page - International Rectifier 301U Datasheet HTML 2Page - International Rectifier 301U Datasheet HTML 3Page - International Rectifier 301U Datasheet HTML 4Page - International Rectifier 301U Datasheet HTML 5Page - International Rectifier 301U Datasheet HTML 6Page - International Rectifier 301U Datasheet HTML 7Page - International Rectifier 301U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
301U(R) Series
Fig. 11 - Maximum Non-Repetitive Surge Current
Fig. 12 - Maximum Non-Repetitive Surge Current
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
1
10
100
Number Of Equal Amplitude Half Cyc le Current Pulses(N)
Initial T = 180°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
301U(R) Series (2500V)
1000
2000
3000
4000
5000
6000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Tra in Duration.
Initial T = 180 °C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Maximum Non Repetitive Surge Current
301U(R) Series(2500V)
Fig. 13 - Forward Voltage Drop Characteristics
Fig. 14 - Forward Voltage Drop Characteristics
10
100
1000
10000
0
0.5
1
1.5
2
2.5
3
T = 25°C
J
Instantaneous Forward Volta ge (V)
301U(R) Series
(800V to 2000V)
T = 180°C
J
10
100
1000
10000
0
0.5
11.5
22.5
33.5
T = 25°C
J
InstantaneousForward Voltag e (V)
301U(R) Series(2500V)
T = 180°C
J
Fig. 15 - Thermal Impedance Z
thJC
Characteristic
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Sq ua re Wave Pulse Dura tion (s)
301U(R) Series
St ea dy St at e Va lue :
R
= 0.14 K/ W
(DC Ope ra tion)
thJC
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com