Electronic Components Datasheet Search
  English  ▼

X  

UPC8120T Datasheet(PDF) 2 Page - NEC

Part # UPC8120T
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8120T Datasheet(HTML) 2 Page - NEC

  UPC8120T Datasheet HTML 1Page - NEC UPC8120T Datasheet HTML 2Page - NEC UPC8120T Datasheet HTML 3Page - NEC UPC8120T Datasheet HTML 4Page - NEC UPC8120T Datasheet HTML 5Page - NEC UPC8120T Datasheet HTML 6Page - NEC UPC8120T Datasheet HTML 7Page - NEC UPC8120T Datasheet HTML 8Page - NEC UPC8120T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
µµµµPC8119T, µµµµPC8120T
PIN CONNECTIONS
Pin No.
Pin Name
1
INPUT
2GND
3GND
4OUTPUT
5VCC
6VAGC
(Top View)
Marking is a example for PC8119T.
3
2
1
4
5
6
(Bottom View)
4
5
6
3
2
1
µ
VARIABLE GAIN AMPLIFIER PRODUCT LINE-UP
Part No.
VCC (V)
ICC (mA)
VAGC (V)
VAGC up vs.Gain
f (GHz)
PO (1 dB)
Features
µPC2723T
4.5 to 5.5
15
3.3 to 5.0
down
up to 1.1
–4
µPC8119T
2.7 to 3.3
11
0.6 to 2.4
down
0.1 to 1.92
+3
Excellent VCC fluctuation
µPC8120T
2.7 to 3.3
11
0.6 to 2.4
up
0.1 to 1.92
+3
µPC8130TA
2.7 to 3.3
11
0.6 to 2.4
up
0.8 to 1.5
+5
Low distortion
µPC8131TA
2.7 to 3.3
11
0 to 2.4
down
0.8 to 1.5
+5
Low distortion
Remark
Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
To know the associated product, please refer to each latest data sheet.
SYSTEM APPLICATION EXAMPLE
SW
÷N
PLL
PLL
I
Q
DEMO
I
Q
0
°
PC8119T
or
PC8120T
PA
TX
RX
LNA
90
°
µ
µ
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com