Electronic Components Datasheet Search
  English  ▼

X  

UPC8120T Datasheet(PDF) 21 Page - NEC

Part # UPC8120T
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8120T Datasheet(HTML) 21 Page - NEC

Back Button UPC8120T Datasheet HTML 17Page - NEC UPC8120T Datasheet HTML 18Page - NEC UPC8120T Datasheet HTML 19Page - NEC UPC8120T Datasheet HTML 20Page - NEC UPC8120T Datasheet HTML 21Page - NEC UPC8120T Datasheet HTML 22Page - NEC UPC8120T Datasheet HTML 23Page - NEC UPC8120T Datasheet HTML 24Page - NEC UPC8120T Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
µµµµPC8119T, µµµµPC8120T
Output port matching at f = 1440 MHz
OUTPUT POWER vs. INPUT POWER
OUTPUT POWER vs. INPUT POWER
+10
+5
0
–5
–10
–15
–20
+10
0
–10
–20
–30
–40
–50
–60
–70
–30 –25 –20 –15 –10
+10
–5
+5
0
Input Power Pin (dBm)
–30 –25 –20 –15 –10
+10
–5
+5
0
–30 –25 –20 –15 –10
+10
–5
+5
0
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
+10
0
–10
–20
–30
–40
–50
–60
–70
+10
0
–10
–20
–30
–40
–50
–60
–70
Input Power Pin (dBm)
f = 1440 MHz
Vcc = 3.3 V
f = 1440 MHz
Vcc = 2.7 V
f = 1440 MHz
Vcc = 3.0 V
VAGC = 0 V
VAGC = 0 V
VAGC = 1.6 V
VAGC = 1.6 V
VAGC = 1.8 V
VAGC = 1.95 V
VAGC = 2.1 V
VAGC = 2.7 V
VAGC = 2.2 V
VAGC = 1.9 V
VAGC = 0 V
VAGC = 1.7 V
VAGC = 2.05 V
VAGC = 3.3 V
VAGC = 1.85 V
VAGC = 3.0 V
Vcc = 3.0 V
Vcc = 3.3 V
Vcc = 2.7 V
f = 1440 MHz
VAGC = 0 V
–30 –25 –20 –15 –10
+10
–5
+5
0
VAGC = 2.75 V
VAGC = 2.0 V
µµµµPC8119T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com