Electronic Components Datasheet Search
  English  ▼

X  

CPV362MM Datasheet(PDF) 4 Page - International Rectifier

Part # CPV362MM
Description  IGBT SIP MODULE Short Circuit Rated Fast IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV362MM Datasheet(HTML) 4 Page - International Rectifier

  CPV362MM Datasheet HTML 1Page - International Rectifier CPV362MM Datasheet HTML 2Page - International Rectifier CPV362MM Datasheet HTML 3Page - International Rectifier CPV362MM Datasheet HTML 4Page - International Rectifier CPV362MM Datasheet HTML 5Page - International Rectifier CPV362MM Datasheet HTML 6Page - International Rectifier CPV362MM Datasheet HTML 7Page - International Rectifier CPV362MM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
C-412
Fig. 5 - Collector-to-Emitter Voltage vs.
Case Temperature
Fig. 4 - Maximum Collector Current vs.
Case Temperature
CPV362MM
Fig. 6 - Maximum IGBT Effective Transient Thermal Impedance, Junction-to-Case
1.0
2.0
3.0
4.0
5.0
-60
-40
-20
0
20
40
60
80
100 120 140 160
C
V
= 15V
80µs PULSE WIDTH
GE
T , Case Temperature (°C)
A
I
= 9.2A
I
= 4.6A
I
= 2.3A
C
C
C
0 .0 1
0 .1
1
1 0
0 .0 0 0 0 1
0 .0 0 0 1
0 .0 0 1
0 .0 1
0 .1
1
1 0
t
, R ectangular P ulse D ura tion (sec)
1
D = 0.5 0
0.01
0.02
0.0 5
0.10
0.20
SIN G L E P U LS E
(T H E RM AL R E SP O N SE )
P
t
2
1
t
D M
N o te s :
1 . D u ty f ac t or D = t
/ t
2 . P e a k T = P
x Z
+ T
1
2
J
D M
th J C
C
0
2
4
6
8
25
50
75
100
125
150
T , Case Temperature (°C)
C
V
= 15V
GE
A
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com