Electronic Components Datasheet Search
  English  ▼

X  

CPV362MM Datasheet(PDF) 1 Page - International Rectifier

Part # CPV362MM
Description  IGBT SIP MODULE Short Circuit Rated Fast IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV362MM Datasheet(HTML) 1 Page - International Rectifier

  CPV362MM Datasheet HTML 1Page - International Rectifier CPV362MM Datasheet HTML 2Page - International Rectifier CPV362MM Datasheet HTML 3Page - International Rectifier CPV362MM Datasheet HTML 4Page - International Rectifier CPV362MM Datasheet HTML 5Page - International Rectifier CPV362MM Datasheet HTML 6Page - International Rectifier CPV362MM Datasheet HTML 7Page - International Rectifier CPV362MM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
C-409
CPV362MM
Short Circuit Rated Fast IGBT
IGBT SIP MODULE
Parameter
Typ.
Max.
Units
RθJC (IGBT)
Junction-to-Case, each IGBT, one IGBT in conduction
—
5.5
RθJC (DIODE)
Junction-to-Case, each diode, one diode in conduction
—
9.0
°C/W
RθCS (MODULE)
Case-to-Sink, flat, greased surface
0.1
—
Wt
Weight of module
20 (0.7)
—
g (oz)
Thermal Resistance
Features
• Short Circuit Rated - 10µs @ 125°C, V GE = 15V
•
Fully isolated printed circuit board mount package
• Switching-loss rating includes all "tail" losses
• HEXFRED
TM soft ultrafast diodes
• Optimized for medium operating frequency (1 to
10kHz) See Fig. 1 for Current vs. Frequency curve
Product Summary
Output Current in a Typical 5.0 kHz Motor Drive
4.6 ARMS per phase (1.4 kW total) with T C = 90°C, TJ = 125°C, Supply Voltage 360Vdc,
Power Factor 0.8, Modulation Depth 80% (See Figure 1)
3
6
7
13
19
18
15
10
16
4
9
12
D1
D3
D5
D2
D4
D6
Q1
Q2
Q3
Q4
Q5
Q6
1
PD - 5.031
The IGBT technology is the key to International Rectifier's advanced line of IMS
(Insulated Metal Substrate) Power Modules. These modules are more efficient
than comparable bipolar transistor modules, while at the same time having the
simpler gate-drive requirements of the familiar power MOSFET. This superior
technology has now been coupled to a state of the art materials system that
maximizes power throughput with low thermal resistance. This package is highly
suited to power applications and where space is at a premium.
These new short circuit rated devices are especially suited for motor control and
other totem-pole applications requiring short circuit withstand capability.
Description
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current, each IGBT
7.9
IC @ TC = 100°C
Continuous Collector Current, each IGBT
4.6
ICM
Pulsed Collector Current
16
A
ILM
Clamped Inductive Load Current
16
IF @ TC = 100°C
Diode Continuous Forward Current
3.4
IFM
Diode Maximum Forward Current
16
tsc
Short Circuit Withstand Time
10
µs
VGE
Gate-to-Emitter Voltage
± 20
V
VISOL
Isolation Voltage, any terminal to case, 1 minute
2500
VRMS
PD @ TC = 25°C
Maximum Power Dissipation, each IGBT
23
W
PD @ TC = 100°C
Maximum Power Dissipation, each IGBT
9.1
TJ
Operating Junction and
-40 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting torque, 6-32 or M3 screw.
5-7 lbf•in (0.55 - 0.8 N•m)
IMS-2
Revision 2
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - CPV362MM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
287Kb / 10P
IGBT SIP MODULE
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
IGBT SIP MODULE
logo
Vishay Siliconix
CPV362M4FPBF VISHAY-CPV362M4FPBF Datasheet
246Kb / 9P
IGBT SIP Module
10-Jun-15
logo
International Rectifier
CPV362M4K IRF-CPV362M4K Datasheet
326Kb / 10P
Short Circuit Rated UltraFast IGBT
CPV362M4U IRF-CPV362M4U Datasheet
274Kb / 10P
UltraFast IGBT IGBT SIP MODULE
More results

Similar Description - CPV362MM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPU165MK IRF-CPU165MK Datasheet
92Kb / 2P
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPU165MM IRF-CPU165MM Datasheet
94Kb / 2P
IGBT SIP MODULE Short Circuit Rated Fast IGBT
CPV362MK IRF-CPV362MK Datasheet
460Kb / 8P
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPV363MK IRF-CPV363MK Datasheet
450Kb / 8P
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPV363MM IRF-CPV363MM Datasheet
450Kb / 8P
IGBT SIP MODULE Short Circuit Rated Fast IGBT
CPV364MK IRF-CPV364MK Datasheet
447Kb / 8P
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPV364MM IRF-CPV364MM Datasheet
80Kb / 2P
Short Circuit Rated Fast IGBT
logo
Vishay Siliconix
CPV363M4KPBF VISHAY-CPV363M4KPBF Datasheet
279Kb / 11P
IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
01-Sep-08
VS-CPV363M4KPBF VISHAY-VS-CPV363M4KPBF Datasheet
261Kb / 10P
IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
25-Oct-17
VS-CPV364M4KPBF VISHAY-VS-CPV364M4KPBF Datasheet
252Kb / 11P
IGBT SIP Module(Short Circuit Rated Ultrafast IGBT)
25-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com