Electronic Components Datasheet Search
  English  ▼

X  

TMP03 Datasheet(PDF) 8 Page - Analog Devices

Part # TMP03
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP03 Datasheet(HTML) 8 Page - Analog Devices

Back Button TMP03_15 Datasheet HTML 4Page - Analog Devices TMP03_15 Datasheet HTML 5Page - Analog Devices TMP03_15 Datasheet HTML 6Page - Analog Devices TMP03_15 Datasheet HTML 7Page - Analog Devices TMP03_15 Datasheet HTML 8Page - Analog Devices TMP03_15 Datasheet HTML 9Page - Analog Devices TMP03_15 Datasheet HTML 10Page - Analog Devices TMP03_15 Datasheet HTML 11Page - Analog Devices TMP03_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TMP03/TMP04
REV. A
–8–
TEMPERATURE – C
–5
–50
–25
0
25
50
75
100
–4
–3
–2
–1
0
125
1
2
3
5
4
V+ = 5V
RLOAD = 10k
TMP03
TMP04
MAXIMUM LIMIT
MINIMUM LIMIT
MEASUREMENTS IN
STIRRED OIL BATH
TPC 13. Output Accuracy vs. Temperature
TIME – ms
V+
0
V+ = 5V
RLOAD = 10k
10
20
30
40
50
–55
15
10
25
20
10
125
35
10
TYPICAL VALUES
TEMP
T2
T1
C
ms
ms
T1
T2
0,T1
T1
T2
OUTPUT
STARTS
LOW
OUTPUT
STARTS
HIGH
60
70
80
90
100
0, T2
TPC 14. Start-Up Response
TEMPERATURE – C
750
–75
V+ = 5V
NO LOAD
–25
25
75
125
175
800
850
900
950
1000
1050
1100
TMP03
TMP04
TPC 15. Supply Current vs. Temperature
TEMPERATURE – C
3
–75
–25
25
75
125
175
3.5
4
4.5
5
RLOAD = 10k
START-UP VOLTAGE DEFINED AS OUTPUT READING
BEING WITHIN
5 C OF OUTPUT AT 4.5V SUPPLY
TPC 16. Start-Up Voltage vs. Temperature
SUPPLY VOLTAGE – Volts
0
0
TA = 25 C
NO LOAD
1
2
3
4
5
200
400
600
800
1000
1200
1400
67
8
1600
TPC 17. Supply Current vs. Supply Voltage
TEMPERATURE – C
0
–75
–25
25
75
125
175
0.5
1
1.5
2
V+ = 4.5V TO 7V
RLOAD = 10k
2.5
3.5
3
4
TPC 18. Power Supply Rejection vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com