Electronic Components Datasheet Search
  English  ▼

X  

TMP03 Datasheet(PDF) 1 Page - Analog Devices

Part # TMP03
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP03 Datasheet(HTML) 1 Page - Analog Devices

  TMP03_15 Datasheet HTML 1Page - Analog Devices TMP03_15 Datasheet HTML 2Page - Analog Devices TMP03_15 Datasheet HTML 3Page - Analog Devices TMP03_15 Datasheet HTML 4Page - Analog Devices TMP03_15 Datasheet HTML 5Page - Analog Devices TMP03_15 Datasheet HTML 6Page - Analog Devices TMP03_15 Datasheet HTML 7Page - Analog Devices TMP03_15 Datasheet HTML 8Page - Analog Devices TMP03_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAM
1
2
3
DOUT
V+
GND
VPTAT
VREF
TEMPERATURE
SENSOR
DIGITAL
MODULATOR
TMP03/TMP04
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Serial Digital Output Thermometers
FEATURES
Low Cost 3-Pin Package
Modulated Serial Digital Output
Proportional to Temperature
1.5 C Accuracy (typ) from –25 C to +100 C
Specified –40 C to +100 C, Operation to 150 C
Power Consumption 6.5 mW Max at 5 V
Flexible Open-Collector Output on TMP03
CMOS/TTL-Compatible Output on TMP04
Low Voltage Operation (4.5 V to 7 V)
APPLICATIONS
Isolated Sensors
Environmental Control Systems
Computer Thermal Monitoring
Thermal Protection
Industrial Process Control
Power System Monitors
TMP03/TMP04
PACKAGE TYPES AVAILABLE
TO-92
1
2
3
DOUT
V+
GND
BOTTOM VIEW
(Not to Scale)
TMP03/TMP04
SO-8 and RU-8 (TSSOP)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
TMP03/
TMP04
DOUT
NC
NC
NC
NC
V+
GND
NC
GENERAL DESCRIPTION
The TMP03/TMP04 are monolithic temperature detectors that
generate a modulated serial digital output that varies in direct
proportion to the temperature of the device. An onboard sensor
generates a voltage precisely proportional to absolute tempera-
ture which is compared to an internal voltage reference and
input to a precision digital modulator. The ratiometric encoding
format of the serial digital output is independent of the clock drift
errors common to most serial modulation techniques such as
voltage-to-frequency converters. Overall accuracy is
±1.5°C
(typical) from –25
°C to +100°C, with excellent transducer lin-
earity. The digital output of the TMP04 is CMOS/TTL
compatible, and is easily interfaced to the serial inputs of most
popular microprocessors. The open-collector output of the
TMP03 is capable of sinking 5 mA. The TMP03 is best suited
for systems requiring isolated circuits utilizing optocouplers or
isolation transformers.
The TMP03 and TMP04 are specified for operation at supply
voltages from 4.5 V to 7 V. Operating from 5 V, supply current
(unloaded) is less than 1.3 mA.
The TMP03/TMP04 are rated for operation over the –40
°C to
+100
°C temperature range in the low cost TO-92, SO-8, and
TSSOP-8 surface mount packages. Operation extends to 150
°C
with reduced accuracy.
(continued on page 4)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002


Similar Part No. - TMP03_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP03 AD-TMP03_16 Datasheet
315Kb / 17P
Serial Digital Output Thermometers
More results

Similar Description - TMP03_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP03 AD-TMP03 Datasheet
375Kb / 16P
Serial Digital Output Thermometers
REV.0
logo
Burr-Brown (TI)
ADC804 BURR-BROWN-ADC804 Datasheet
694Kb / 8P
SERIAL OUTPUT ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03FSZ AD-TMP03FSZ Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP04 AD-TMP04_15 Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
logo
List of Unclassifed Man...
625 ETC2-625 Datasheet
87Kb / 1P
COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
715 ETC2-715 Datasheet
100Kb / 1P
DUAL INPUT DIGITAL THERMOMETERS
logo
Analog Devices
AD9644 AD-AD9644_17 Datasheet
1Mb / 45P
Serial Output Analog-to-Digital Converter
23-Feb-2017
TMP03 AD-TMP03_16 Datasheet
315Kb / 17P
Serial Digital Output Thermometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com