Electronic Components Datasheet Search
  English  ▼

X  

WPANTDP036 Datasheet(PDF) 2 Page - World Produts Inc.

Part # WPANTDP036
Description  WPANTDP036 Antenna is a 915 MHz ISM band Omni Directional Stubby Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP036 Datasheet(HTML) 2 Page - World Produts Inc.

  WPANTDP036 Datasheet HTML 1Page - World Produts Inc. WPANTDP036 Datasheet HTML 2Page - World Produts Inc. WPANTDP036 Datasheet HTML 3Page - World Produts Inc. WPANTDP036 Datasheet HTML 4Page - World Produts Inc. WPANTDP036 Datasheet HTML 5Page - World Produts Inc. WPANTDP036 Datasheet HTML 6Page - World Produts Inc. WPANTDP036 Datasheet HTML 7Page - World Produts Inc. WPANTDP036 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WP Wireless — A Division of World Products LLC. || 19656 Eighth Street East || Sonoma, CA, 95476, USA
[O]: +1-707-996-5201 || [F]: +1-707-996-3380 || [E]: sales@wp-wireless.com || [W]: www.wp-wireless.com
Page 2 of 8
Rev: 6.0
Created on: Oct. 07
th 2013
Created by: TT
Approved By: BP
WPANTDP036
915 MHz ISM band Stubby Antenna
Mechanical / Environmental Properties
Item
Value
Antenna Height
195mm
Antenna Color
Black
Connector
Black anodized RP-SMA Male
Antenna Radome
Plastic
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS compliant
Pictures of the Antenna



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com