Electronic Components Datasheet Search
  English  ▼

X  

WPANTDP036 Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANTDP036
Description  WPANTDP036 Antenna is a 915 MHz ISM band Omni Directional Stubby Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP036 Datasheet(HTML) 1 Page - World Produts Inc.

  WPANTDP036 Datasheet HTML 1Page - World Produts Inc. WPANTDP036 Datasheet HTML 2Page - World Produts Inc. WPANTDP036 Datasheet HTML 3Page - World Produts Inc. WPANTDP036 Datasheet HTML 4Page - World Produts Inc. WPANTDP036 Datasheet HTML 5Page - World Produts Inc. WPANTDP036 Datasheet HTML 6Page - World Produts Inc. WPANTDP036 Datasheet HTML 7Page - World Produts Inc. WPANTDP036 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
WP Wireless — A Division of World Products LLC. || 19656 Eighth Street East || Sonoma, CA, 95476, USA
[O]: +1-707-996-5201 || [F]: +1-707-996-3380 || [E]: sales@wp-wireless.com || [W]: www.wp-wireless.com
Page 1 of 8
Rev: 6.0
Created on: Oct. 07
th 2013
Created by: TT
Approved By: BP
WPANTDP036
915 MHz ISM band Stubby Antenna
Picture of the Part
Application
WPANTDP036 Antenna is a 915 MHz ISM band Omni Directional Stubby Antenna. It comes with a black anodized
Reverse Polarity (RP) SMA Male connector that has a swivel mechanism.
WP Wireless can assist your engineers to optimize mounting positions for these antennas in your specific application
and can further customize the antennas for your specific needs. Please contact sales@wp-wireless.com with your
specific application requirements.
Electrical Properties
Parameter
Antenna Performance
Operating Frequency
900 – 930 MHz
Recommended Impedance of
the customer Radio Module[
Ω]
50Ω
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
2 dBi
Polarization
Vertical
Pattern
Near Omni Directional; Also depends on installation
Accepted Power [W] (Max)
50 Watts


Similar Part No. - WPANTDP036

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP030 WPI-WPANTDP030 Datasheet
93Kb / 1P
Electrical Properties
WPANTDP031 WPI-WPANTDP031 Datasheet
266Kb / 1P
Electrical Properties
WPANTDP032 WPI-WPANTDP032 Datasheet
279Kb / 1P
Electrical Properties
WPANTDP033 WPI-WPANTDP033 Datasheet
119Kb / 1P
Electrical Properties
More results

Similar Description - WPANTDP036

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30009-CC WPI-WPANT30009-CC Datasheet
271Kb / 4P
915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30063-S1A WPI-WPANT30063-S1A Datasheet
267Kb / 4P
915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
900 MHz ISM band Omni-directional Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
900 MHz ISM band Omni-Directional Antenna
WPANTDP011 WPI-WPANTDP011 Datasheet
118Kb / 2P
WPANTDP011 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP012 WPI-WPANTDP012 Datasheet
121Kb / 2P
WPANTDP012 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP020 WPI-WPANTDP020 Datasheet
277Kb / 2P
WPANTDP020 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP023 WPI-WPANTDP023 Datasheet
135Kb / 2P
WPANTDP023 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANT30009-CC WPI-WPANT30009-CC_15 Datasheet
269Kb / 4P
915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
900 MHz ISM band Omni-directional Antenna
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com