Electronic Components Datasheet Search
  English  ▼

X  

UPC2723T Datasheet(PDF) 8 Page - NEC

Part # UPC2723T
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2723T Datasheet(HTML) 8 Page - NEC

Back Button UPC2723T Datasheet HTML 4Page - NEC UPC2723T Datasheet HTML 5Page - NEC UPC2723T Datasheet HTML 6Page - NEC UPC2723T Datasheet HTML 7Page - NEC UPC2723T Datasheet HTML 8Page - NEC UPC2723T Datasheet HTML 9Page - NEC UPC2723T Datasheet HTML 10Page - NEC UPC2723T Datasheet HTML 11Page - NEC UPC2723T Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
µµµµPC8119T, µµµµPC8120T
APPLICATION CIRCUIT EXAMPLE (f = 1900 MHz, both products in common)
VAGC
IN
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
VCC
1000 pF
1000 pF
C4
C5
C3
C2
C6
C7
OUT
L
100 nH
Jumper wire
Output matching circuit
Vcc line low pass filter
C1
1
6
5
4
2, 3
2 to 2.5 pF
C8
ILLUSTRATION OF APPLICATION CIRCUIT EXAMPLE ASSEMBLED ON EVALUATION BOARD
VAGC
C7
C2
C6
C5
C4
C1
IN
VCC
L
OUT
C8
GND
Jumper wire
COMPONENT LIST
Form
Symbol
Value
C1 to C7
1000 pF
Chip capacitor
C8
2 to 2.5 pF
Chip inductor
L
100 nH
Note
Printed on board
Jumper wire
5 nH
Note 100 nH: Murata Mfg. Co., Ltd. LQP31A10NG04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com