Electronic Components Datasheet Search
  English  ▼

X  

UPC2723T Datasheet(PDF) 19 Page - NEC

Part # UPC2723T
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2723T Datasheet(HTML) 19 Page - NEC

Back Button UPC2723T Datasheet HTML 15Page - NEC UPC2723T Datasheet HTML 16Page - NEC UPC2723T Datasheet HTML 17Page - NEC UPC2723T Datasheet HTML 18Page - NEC UPC2723T Datasheet HTML 19Page - NEC UPC2723T Datasheet HTML 20Page - NEC UPC2723T Datasheet HTML 21Page - NEC UPC2723T Datasheet HTML 22Page - NEC UPC2723T Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19
µµµµPC8119T, µµµµPC8120T
Output port matching at f = 1440 MHz
S21 vs. FREQUENCY
VAGC = 0 V (GPMAX), Pin = –30 dBm
16
14
12
10
8
6
16
14
12
10
8
6
Vcc = 2.7 V
Vcc = 3.0 V
Vcc = 3.3 V
1 440.000 000 MHz
S21 log MAG
START 100.000 000 MHz
STOP 3 100.000 000 MHz
1 dB/
REF 6 dB
1:13.355 dB
S21 vs. FREQUENCY
Vcc = 3.0 V, VAGC = 0 V (GPMAX), Pin = –30 dBm
S12 vs. FREQUENCY
Vcc = 3.0 V, VAGC = 0 V (GPMAX), Pin = –30 dBm
S12 vs. FREQUENCY
VAGC = 0 V (GPMAX), Pin = –30 dBm
1 440.000 000 MHz
S21 log MAG
START 100.000 000 MHz
STOP 3 100.000 000 MHz
1 dB/
REF 6 dB
1: –13.23 dB
S12 log MAG
START 100.000 000 MHz
STOP 3 100.000 000 MHz
5 dB/
REF 0 dB
1: –36.039 dB
S12 log MAG
START 100.000 000 MHz
STOP 3 100.000 000 MHz
5 dB/
REF 0 dB
1: –35.55 dB
0
–30
–40
–50
–20
–10
0
–30
–40
–50
–20
–10
MARKER 1
1.44 GHz
MARKER 1
1.44 GHz
MARKER 1
1.44 GHz
MARKER 1
1.44 GHz
TA = +85
°C
TA = +85
°C
TA = +25
°C
TA = +25
°C
TA = –40
°C
TA = –40
°C
1 440.000 000 MHz
1 440.000 000 MHz
Vcc = 2.7 V
Vcc = 3.0 V
Vcc = 3.3 V
1
1
1
1
µµµµPC8119T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com