Electronic Components Datasheet Search
  English  ▼

X  

IR2111 Datasheet(PDF) 2 Page - International Rectifier

Part # IR2111
Description  HALF-BRIDGE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2111 Datasheet(HTML) 2 Page - International Rectifier

  IR2111 Datasheet HTML 1Page - International Rectifier IR2111 Datasheet HTML 2Page - International Rectifier IR2111 Datasheet HTML 3Page - International Rectifier IR2111 Datasheet HTML 4Page - International Rectifier IR2111 Datasheet HTML 5Page - International Rectifier IR2111 Datasheet HTML 6Page - International Rectifier IR2111 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IR2111
B-40 CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
Parameter
Value
Symbol
Definition
Min.
Max.
Units
VB
High Side Floating SupplyVoltage
-0.3
625
VS
High Side Floating Supply OffsetVoltage
VB - 25
VB + 0.3
VHO
High Side Floating OutputVoltage
VS - 0.3
VB + 0.3
VCC
Low Side and Logic Fixed SupplyVoltage
-0.3
25
VLO
Low Side OutputVoltage
-0.3
VCC + 0.3
VIN
Logic InputVoltage
-0.3
VCC + 0.3
dVs/dt
Allowable Offset SupplyVoltageTransient (Figure 2)
—
50
V/ns
PD
Package Power Dissipation @TA ≤ +25°C
(8 Lead DIP)
—
1.0
(8 Lead SOIC)
—
0.625
RθJA
Thermal Resistance, Junction to Ambient
(8 Lead DIP)
—
125
(8 Lead SOIC)
—
200
TJ
JunctionTemperature
—
150
TS
StorageTemperature
-55
150
°C
TL
LeadTemperature (Soldering, 10 seconds)
—
300
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur.All voltage parameters are
absolute voltages referenced to COM.The Thermal Resistance and Power Dissipation ratings are measured under board
mounted and still air conditions. Additional information is shown in Figures 7 through 10.
V
W
°C/W
Parameter
Value
Symbol
Definition
Min.
Max.
Units
VB
High Side Floating Supply AbsoluteVoltage
VS + 10
VS + 20
VS
High Side Floating Supply OffsetVoltage
Note 1
600
VHO
High Side Floating OutputVoltage
VS
VB
VCC
Low Side and Logic Fixed SupplyVoltage
10
20
VLO
Low Side OutputVoltage
0
VCC
VIN
Logic InputVoltage
0
VCC
TA
AmbientTemperature
-40
125
Note 1: Logic operational for VS of -5 to +600V. Logic state held for VS of -5V to -VBS.
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. TheVS offset rating is tested with all supplies biased at 15V differential.
°C
V
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com