Electronic Components Datasheet Search
  English  ▼

X  

IR2118 Datasheet(PDF) 7 Page - International Rectifier

Part # IR2118
Description  SINGLE CHANNEL DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2118 Datasheet(HTML) 7 Page - International Rectifier

  IR2118 Datasheet HTML 1Page - International Rectifier IR2118 Datasheet HTML 2Page - International Rectifier IR2118 Datasheet HTML 3Page - International Rectifier IR2118 Datasheet HTML 4Page - International Rectifier IR2118 Datasheet HTML 5Page - International Rectifier IR2118 Datasheet HTML 6Page - International Rectifier IR2118 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IR2118
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL B-89
Figure 7. IR2118 TJ vs. Frequency (IRFBC40)
RGATE = 15
Ω
Ω
Ω
Ω
Ω, VCC = 15V
Figure 8. IR2118 TJ vs. Frequency (IRFPE50)
RGATE = 10
Ω
Ω
Ω
Ω
Ω,VCC = 15V
Figure 5. IR2118 TJ vs. Frequency (IRFBC20)
RGATE = 33
Ω
Ω
Ω
Ω
Ω, VCC = 15V
Figure 6. IR2118 TJ vs. Frequency (IRFBC30)
RGATE = 22
Ω
Ω
Ω
Ω
Ω,VCC = 15V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V
140V
10V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V
140V
10V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V
140V
10V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V 140V
10V
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com