Electronic Components Datasheet Search
  English  ▼

X  

IR2118 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2118
Description  SINGLE CHANNEL DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2118 Datasheet(HTML) 1 Page - International Rectifier

  IR2118 Datasheet HTML 1Page - International Rectifier IR2118 Datasheet HTML 2Page - International Rectifier IR2118 Datasheet HTML 3Page - International Rectifier IR2118 Datasheet HTML 4Page - International Rectifier IR2118 Datasheet HTML 5Page - International Rectifier IR2118 Datasheet HTML 6Page - International Rectifier IR2118 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
n Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
n Gate drive supply range from 10 to 20V
n Undervoltage lockout
n CMOS Schmitt-triggered inputs with pull-down
n Output out of phase with input
Description
The IR2118 is a high voltage, high speed power
MOSFET and IGBT driver. Proprietary HVIC and
latch immune CMOS technologies enable rugge-
dized monolithic construction. The logic input is
compatible with standard CMOS outputs. The out-
put driver features a high pulse current buffer stage
designed for minimum cross-conduction. The float-
ing channel can be used to drive an N-channel power
MOSFET or IGBT in the high or low side configura-
tion which operates up to 600 volts.
Data Sheet No. PD-6.041C
IR2118
SINGLE CHANNEL DRIVER
Product Summary
VOFFSET
600V max.
IO+/-
200 mA / 420 mA
VOUT
10 - 20V
ton/off (typ.)
125 & 105 ns
Packages
Typical Connection
V
CC
V
B
V
S
HO
IN
COM
up to 600V
V
CC
IN
TO
LOAD
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
B-83
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IR2118

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2118 IRF-IR2118 Datasheet
161Kb / 18P
SINGLE CHANNEL DRIVER
IR2118 IRF-IR2118 Datasheet
272Kb / 18P
Gate drive supply range from 10 to 20V
logo
Infineon Technologies A...
IR2118 INFINEON-IR2118 Datasheet
269Kb / 18P
SINGLE CHANNEL DRIVER
Data Sheet No. PD60146 Rev O
logo
International Rectifier
IR2118PBF IRF-IR2118PBF Datasheet
161Kb / 18P
SINGLE CHANNEL DRIVER
IR2118S IRF-IR2118S Datasheet
161Kb / 18P
SINGLE CHANNEL DRIVER
More results

Similar Description - IR2118

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2117 MOTOROLA-MPIC2117 Datasheet
152Kb / 6P
SINGLE CHANNEL DRIVER
logo
International Rectifier
IR2117SPBF IRF-IR2117SPBF Datasheet
161Kb / 18P
SINGLE CHANNEL DRIVER
IRS2117PBF IRF-IRS2117PBF Datasheet
378Kb / 19P
SINGLE CHANNEL DRIVER
AUIRS2117S IRF-AUIRS2117S Datasheet
510Kb / 21P
SINGLE CHANNEL DRIVER
IRS2117 IRF-IRS2117 Datasheet
902Kb / 26P
SINGLE CHANNEL DRIVER
IR2118STRPBF IRF-IR2118STRPBF Datasheet
267Kb / 18P
SINGLE CHANNEL DRIVER
IR2117 IRF-IR2117_15 Datasheet
267Kb / 18P
SINGLE CHANNEL DRIVER
IRS2117PBF IRF-IRS2117PBF_15 Datasheet
902Kb / 26P
SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2117 INFINEON-IR2117 Datasheet
269Kb / 18P
SINGLE CHANNEL DRIVER
Data Sheet No. PD60146 Rev O
AUIRS211S INFINEON-AUIRS211S Datasheet
659Kb / 21P
SINGLE CHANNEL DRIVER
July 15, 2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com