Electronic Components Datasheet Search
  English  ▼

X  

IR2125 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2125
Description  CURRENT LIMITING SINGLE CHANNEL DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2125 Datasheet(HTML) 3 Page - International Rectifier

  IR2125 Datasheet HTML 1Page - International Rectifier IR2125 Datasheet HTML 2Page - International Rectifier IR2125 Datasheet HTML 3Page - International Rectifier IR2125 Datasheet HTML 4Page - International Rectifier IR2125 Datasheet HTML 5Page - International Rectifier IR2125 Datasheet HTML 6Page - International Rectifier IR2125 Datasheet HTML 7Page - International Rectifier IR2125 Datasheet HTML 8Page - International Rectifier IR2125 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IR2125
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL B-109
Parameter
Value
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” Input Voltage
14
2.2
—
—
VCC = 12V to 18V
VIL
Logic “0” Input Voltage
15
—
—
0.8
VCC = 12V to 18V
VCSTH+
CS Input Positive Going Threshold
16
150
230
320
VCC = 12V to 18V
VCSTH-
CS Input Negative Going Threshold
17
130
200
260
VCC = 12V to 18V
VOH
High Level Output Voltage, VBIAS - VO
18
—
—
100
IO = 0A
VOL
Low Level Output Voltage, VO
19
—
—
100
IO = 0A
ILK
Offset Supply Leakage Current
20
—
—
50
VB = VS = 500V
IQBS
Quiescent VBS Supply Current
21
—
400
1000
VIN = VCS = 0V or 5V
IQCC
Quiescent VCC Supply Current
22
—
700
1200
VIN = VCS = 0V or 5V
IIN+
Logic “1” Input Bias Current
23
—
4.5
10
µA
VIN = 5V
IIN-
Logic “0” Input Bias Current
24
—
—
1.0
VIN = 0V
ICS+
“High” CS Bias Current
25
—
4.5
10
VCS = 3V
ICS-
“Low” CS Bias Current
26
—
—
1.0
VCS = 0V
VBSUV+
VBS Supply Undervoltage Positive Going
27
8.5
9.2
10.0
Threshold
VBSUV-
VBS Supply Undervoltage Negative Going
28
7.7
8.3
9.0
Threshold
VCCUV+
VCC Supply Undervoltage Positive Going
29
8.3
8.9
9.6
Threshold
VCCUV-
VCC Supply Undervoltage Negative Going
30
7.3
8.0
8.7
Threshold
IERR
ERR Timing Charge Current
31
65
100
130
VIN = 5V, VCS = 3V
ERR < VERR+
IERR+
ERR Pull-Up Current
32
8.0
15
—
VIN = 5V, VCS = 3V
ERR > VERR+
IERR-
ERR Pull-Down Current
33
16
30
—
VIN = 0V
IO+
Output High Short Circuit Pulsed Current
34
1.0
1.6
—
VO = 0V, VIN = 5V
PW
≤ 10 µs
IO-
Output Low Short Circuit Pulsed Current
35
2.0
3.3
—
VO = 15V, VIN = 0V
PW
≤ 10 µs
Parameter
Value
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
ton
Turn-On Propagation Delay
7
—
150
200
toff
Turn-Off Propagation Delay
8
—
150
190
tsd
ERR Shutdown Propagation Delay
9
—
1.7
2.2
µs
tr
Turn-On Rise Time
10
—
43
60
tf
Turn-Off Fall Time
11
—
26
35
tcs
CS Shutdown Propagation Delay
12
—
0.7
1.2
terr
CS to ERR Pull-Up Propagation Delay
13
—
9.0
12
CERR = 270 pF
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 3300 pF and TA = 25°C unless otherwise specified. The dynamic electrical characteristics
are measured using the test circuit shown in Figures 3 through 6.
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to VS.
ns
ns
µs
V
mV
A
mA
V
µA
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com