Electronic Components Datasheet Search
  English  ▼

X  

IR2125 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2125
Description  CURRENT LIMITING SINGLE CHANNEL DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2125 Datasheet(HTML) 1 Page - International Rectifier

  IR2125 Datasheet HTML 1Page - International Rectifier IR2125 Datasheet HTML 2Page - International Rectifier IR2125 Datasheet HTML 3Page - International Rectifier IR2125 Datasheet HTML 4Page - International Rectifier IR2125 Datasheet HTML 5Page - International Rectifier IR2125 Datasheet HTML 6Page - International Rectifier IR2125 Datasheet HTML 7Page - International Rectifier IR2125 Datasheet HTML 8Page - International Rectifier IR2125 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
V
CC
V
B
CS
OUT
V
S
COM
IN
ERR
V
CC
IN
TO
LOAD
up to 500V
Features
n Floating channel designed for bootstrap operation
Fully operational to +500V
Tolerant to negative transient voltage
dV/dt immune
n Gate drive supply range from 12 to 18V
n Undervoltage lockout
n Current detection and limiting loop to limit driven
power transistor current
n Error lead indicates fault conditions and programs
shutdown time
n Output in phase with input
Description
The IR2125 is a high voltage, high speed power
MOSFET and IGBT driver with over-current limit-
ing protection circuitry. Proprietary HVIC and latch
immune CMOS technologies enable ruggedized
monolithic construction. Logic inputs are compat-
ible with standard CMOS or LSTTL outputs. The
output driver features a high pulse current buffer
stage designed for minimum driver cross-conduc-
tion. The protection circuitry detects over-current
in the driven power transistor and limits the gate
drive voltage. Cycle by cycle shutdown is pro-
grammed by an external capacitor which directly
controls the time interval between detection of the
over-current limiting conditions and latched shut-
Data Sheet No. PD-6.017D
IR2125
CURRENT LIMITING SINGLE CHANNEL DRIVER
Product Summary
VOFFSET
500V max.
IO+/-
1A / 2A
VOUT
12 - 18V
VCSth
230 mV
ton/off (typ.)
150 & 150 ns
Package
Typical Connection
down. The floating channel can be used to drive an
N-channel power MOSFET or IGBT in the high or
low side configuration which operates up to 500
volts.
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
B-107
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IR2125

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125 Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
More results

Similar Description - IR2125

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2121PBF IRF-IR2121PBF Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2121 IRF-IR2121_15 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2121 INFINEON-IR2121 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com