Electronic Components Datasheet Search
  English  ▼

X  

IR6216 Datasheet(PDF) 3 Page - International Rectifier

Part # IR6216
Description  INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR6216 Datasheet(HTML) 3 Page - International Rectifier

  IR6216 Datasheet HTML 1Page - International Rectifier IR6216 Datasheet HTML 2Page - International Rectifier IR6216 Datasheet HTML 3Page - International Rectifier IR6216 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IR6216
Minimum Typical Maximum Units Test Conditions
Tjsd
Thermal Shutdown Temperature
—
170
—
°C
Thys
Thermal Hysteresis
—
5
—
Rthjc
Thermal Resistance, Junction to Case
—
3.5
—
°C/W
Rthja
Thermal Resistance, Junction to Ambient
—
50
—
Thermal Characteristics
Protection Characteristics
Minimum Typical Maximum Units Test Conditions
Iilm
Internal Current Limit
—
10
—
A
Vsc
Short Circuit Detection Voltage
—
3.5
—
Vslh
Open Load Detection Voltage
—
3.5
—
V
Vcl1
Output Negative Clamp
50
54
—
Iout = 10mA
Vcl2
OutputNegativeClamp
—
56
62
Iout = 2A
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com