Electronic Components Datasheet Search
  English  ▼

X  

IR6216 Datasheet(PDF) 1 Page - International Rectifier

Part # IR6216
Description  INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR6216 Datasheet(HTML) 1 Page - International Rectifier

  IR6216 Datasheet HTML 1Page - International Rectifier IR6216 Datasheet HTML 2Page - International Rectifier IR6216 Datasheet HTML 3Page - International Rectifier IR6216 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IR6216
Preliminary Data Sheet 6.056
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
General Description:
The IR6216 is a 5 terminal monolithic HIGH SIDE SWITCH
with built in short circuit, over- temperature, ESD, inductive load
turn off capability and diagnostic feedback.
The on-chip protection circuit goes into PWM mode, limiting the
average current during short circuit if the drain current exceeds
5A. The protection circuit latches off the high side switch if the
junction temperature exceeds 170°C and latches on after the junc-
tion temperature falls by 10°C. The drain to source voltage is
actively clamped at 55V, improving its performance during turn
off with inductive loads.
The on-chip charge pump high side driver stage is floating and ref-
erenced to the source of the power MOSFET. Thus the logic to
power ground isolation can be as high as 50V. This allows opera-
tion with larger offset as well as controlling the switch during
load energy recirculation or regeneration.
A diagnostic pin is provided for status feedback of short circuit,
over temperature and open load detection.
Applications
•
Solenoid Driver
•
DC Motor Driver
Vcc (op)
5V-50V
Rds(on)
200mΩ
Ilim
10A
Tj(sd)
170°C
Eav
200mJ
Condition
In
Out
Dg
Normal
H
H
H
Normal
L
L
L
OutputOpen
H
H
H
OutputOpen
L
H
H
ShortedOutput
H Current-Limiting
L
ShortedOutput
L
L
L
Over-Temperature
H
L
L
Over-Temperature
L
L
L
Truth Table
Available Packages
Block Diagram
IR6216
TO-220
(5-lead)
Features
· PWM Current Limit for Short Circuit Protection
· Over-Temperature Protection
· Active Output Negative Clamp
· Reverse Battery Protection
· Broken Ground Protection
· Short to VCC Protection
· Low Noise Charge Pump
· Sleep Mode Supply Current
· 4kV ESD Protection On All Pins
· Logic Ground Isolated From Power Ground
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IR6216

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR6210 IRF-IR6210 Datasheet
238Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
More results

Similar Description - IR6216

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR6210 IRF-IR6210 Datasheet
238Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6220 IRF-IR6220 Datasheet
237Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6224 IRF-IR6224 Datasheet
240Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6226 IRF-IR6226 Datasheet
238Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6320G IRF-IR6320G Datasheet
59Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6311G IRF-IR6311G Datasheet
56Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com