Electronic Components Datasheet Search
  English  ▼

X  

IRCZ24 Datasheet(PDF) 3 Page - International Rectifier

Part # IRCZ24
Description  Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCZ24 Datasheet(HTML) 3 Page - International Rectifier

  IRCZ24 Datasheet HTML 1Page - International Rectifier IRCZ24 Datasheet HTML 2Page - International Rectifier IRCZ24 Datasheet HTML 3Page - International Rectifier IRCZ24 Datasheet HTML 4Page - International Rectifier IRCZ24 Datasheet HTML 5Page - International Rectifier IRCZ24 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
C-3
IRCZ24
V
DS, Drain-to-Source Voltage (Volts)
V
DS, Drain-to-Source Voltage (Volts)
V
DS, Gate-to-Source Voltage (Volts)
T
J, Junction Temperature (°C)
Fig. 1 Typical Output Characteristics,
T
C=25°C
Fig. 2 Typical Output Characteristics,
T
C=175°C
Fig. 3 Typical Transfer Characteristics
Fig. 4 Normalized On-Resistance vs.
Temperature
Untitled-1
6/3/97, 3:27 PM
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com