Electronic Components Datasheet Search
  English  ▼

X  

IRCZ24 Datasheet(PDF) 1 Page - International Rectifier

Part # IRCZ24
Description  Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCZ24 Datasheet(HTML) 1 Page - International Rectifier

  IRCZ24 Datasheet HTML 1Page - International Rectifier IRCZ24 Datasheet HTML 2Page - International Rectifier IRCZ24 Datasheet HTML 3Page - International Rectifier IRCZ24 Datasheet HTML 4Page - International Rectifier IRCZ24 Datasheet HTML 5Page - International Rectifier IRCZ24 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
C-1
IRCZ24
PD - 9.615A
l Dynamic dv/dt Rating
l Current Sense
l 175°C Operating Temperature
l Fast Switching
l Ease of Paralleling
l Simple Drive Requirements
HEXFET® Power MOSFET
VDSS = 55V
RDS(on) = 0.040Ω
ID = 26A
Description
Absolute Maximum Ratings
Third Generation HEXFETs from International Rectifier provide the designer with
the best combination of fast switching, ruggedized device, low on-resistance and
cost-effectiveness.
The HEXSence device provides an accurate fraction of the drain current through
the additional two leads to be used for control or protection of the device. These
devices exhibit similar electrical and thermal characteristics as their IRF-series
equivalent part numbers. The provision of a kelvin source connection effectively
eliminates problems of common source inductance when the HEXSence is
used as a fast, high-current switch in non current-sensing applications.
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
17
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
12
IDM
Pulsed Drain Current

68
PD @TC = 25°C
Power Dissipation
60
W
Linear Derating Factor
0.40
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚
6.0
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.5
A
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting Torque, 6-32 or screw
10 lbf•in (1.1 N•m)
A
°C
Parameter
Min.
Max.
Units
RθJC
Junction-to-Case
—
—
2.5
RθCS
Case-to-Sink, Flat, Greased Surface
—
0.50
—
RθJA
Junction-to-Ambient
—
—
62
Thermal Resistance
** When mounted on FR-4 board using minimum recommended footprint. For recommended footprint and soldering techniques refer toapplication note #AN-994.
°C/W
TO-220 HexSense
Untitled-1
6/3/97, 3:27 PM
1


Similar Part No. - IRCZ24

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ24PBF IRF-IRCZ24PBF Datasheet
640Kb / 9P
HEXFET Power MOSFET
More results

Similar Description - IRCZ24

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFB260N IRF-IRFB260N Datasheet
90Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.040ohm, Id=56A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ34N IRF-IRFZ34N Datasheet
195Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com