Electronic Components Datasheet Search
  English  ▼

X  

IRCZ34 Datasheet(PDF) 1 Page - International Rectifier

Part # IRCZ34
Description  Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCZ34 Datasheet(HTML) 1 Page - International Rectifier

  IRCZ34 Datasheet HTML 1Page - International Rectifier IRCZ34 Datasheet HTML 2Page - International Rectifier IRCZ34 Datasheet HTML 3Page - International Rectifier IRCZ34 Datasheet HTML 4Page - International Rectifier IRCZ34 Datasheet HTML 5Page - International Rectifier IRCZ34 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
C-7
IRCZ34
PD - 9.590A
l Dynamic dv/dt Rating
l Current Sense
l 175°C Operating Temperature
l Fast Switching
l Ease of Paralleling
l Simple Drive Requirements
HEXFET® Power MOSFET
VDSS = 60V
RDS(on) = 0.050Ω
ID = 30A
Description
Absolute Maximum Ratings
Third Generation HEXFETs from International Rectifier provide the designer with
the best combination of fast switching, ruggedized device, low on-resistance and
cost-effectiveness.
The HEXSence device provides an accurate fraction of the drain current through
the additional two leads to be used for control or protection of the device. These
devices exhibit similar electrical and thermal characteristics as their IRF-series
equivalent part numbers. The provision of a kelvin source connection effectively
eliminates problems of common source inductance when the HEXSence is
used as a fast, high-current switch in non current-sensing applications.
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
30
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
21
IDM
Pulsed Drain Current

120
PD @TC = 25°C
Power Dissipation
88
W
Linear Derating Factor
0.59
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚
15
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.5
A
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting Torque, 6-32 or screw
10 lbf•in (1.1 N•m)
A
°C
Parameter
Min.
Max.
Units
RθJC
Junction-to-Case
—
—
1.7
RθCS
Case-to-Sink, Flat, Greased Surface
—
0.50
—
RθJA
Junction-to-Ambient
—
—
62
Thermal Resistance
** When mounted on FR-4 board using minimum recommended footprint. For recommended footprint and soldering techniques refer toapplication note #AN-994.
°C/W
TO-220 HexSense


Similar Part No. - IRCZ34

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ34PBF IRF-IRCZ34PBF Datasheet
606Kb / 9P
HEXFET Power MOSFET
More results

Similar Description - IRCZ34

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
IRF7301 IRF-IRF7301 Datasheet
113Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=0.050ohm)
IRF7303 IRF-IRF7303 Datasheet
111Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.050ohm)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFL1006 IRF-IRFL1006 Datasheet
127Kb / 9P
Power MOSFET(Vdss=60V, Rds(on)=0.22ohm, Id=1.6A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com