Electronic Components Datasheet Search
  English  ▼

X  

S5821 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # S5821
Description  3.0A Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

S5821 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  S5821 Datasheet HTML 1Page - SUNMATE electronic Co., LTD S5821 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0A Surface Mount Schottky Barrier Rectifier
1 of 2
Features
Maximum Ratings and Electrical Characteristics
A
B
C
D
G
H
E
J
·
·
·
·
·
·
Mechanical Data
·
·
·
·
SMC
Dim
Min
Max
A
5.40
6.22
B
6.10
7.11
C
2.92
3.18
D
0.15
0.40
E
7.55
8.13
G
0.10
0.21
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
·
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
S5820-S5822
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
For use in low voltage,high frequency inverters free
wheeling,and polarity protection applications
The plastic material carries U/L recognition 94V-0
Case:JEDEC
SMC,molded plastic
Terminals:
Solderable per
MIL- STD-202,
method 208
Polarity: Color band denotes cathode
Weight: 0.
007 ounces,0.21 grams
Mounting position: Any
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
@T
L=90
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage @ 3.0A
(Note 1)
@ 9.4A
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
A
IF(AV)
S5820
3.Thermal resistance junction to ambient
mA
IR
IFSM
NOTE: 1. Pulse test : 300 s pulse width,1% duty cy cle.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
20
- 55 ---- + 125
- 55 ---- + 150
80.0
250
3.0
20.0
2.0
40
0.525
0.95
0.50
VF
V
0.90
0.475
0.85
S5821
S5822
40
28
30
21
30
20
14
20


Similar Part No. - S5821

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5821 HAMAMATSU-S5821 Datasheet
111Kb / 4P
High performance, high reliability Si PIN photodiodes
logo
Galaxy Semi-Conductor H...
S5821 BILIN-S5821 Datasheet
95Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Bothhand USA, LP.
S5821 BOTHHAND-S5821 Datasheet
67Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Shenzhen Luguang Electr...
S5821 LUGUANG-S5821 Datasheet
197Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
S5821 DSK-S5821 Datasheet
160Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - S5821

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR32 WTE-SR32 Datasheet
48Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
ES3A DIODES-ES3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
B320 DIODES-B320_1 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
B320B DIODES-B320B Datasheet
162Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30924 Rev. 2 - 2
B320 DIODES-B320_10 Datasheet
96Kb / 5P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 7 - 2
logo
SUNMATE electronic Co.,...
SM5820B SUNMATE-SM5820B Datasheet
217Kb / 2P
3.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B340AQ DIODES-B340AQ Datasheet
412Kb / 6P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
B320AQ DIODES-B320AQ Datasheet
464Kb / 6P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2018 Rev. 2 - 2
B360AM DIODES-B360AM Datasheet
449Kb / 5P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2015 Rev. 2 - 2
B370B DIODES-B370B Datasheet
108Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
May 2012 Rev. 2 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com