Electronic Components Datasheet Search
  English  ▼

X  

S5821 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # S5821
Description  3.0A Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

S5821 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  S5821 Datasheet HTML 1Page - SUNMATE electronic Co., LTD S5821 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REVERSE VOLTAGE,VOLTS
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
XXXXXXXXX----CHARACTERISTICS
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
LEAD TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- PEAK FORWARD SURGE CURRENT
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
0.1
1
100
10
10
100
1000
10
60
1
10
100
40
70
50
30
20
80
TJ=TJMAX
8.3ms Single Half
Sine-Wave
2
4
0
0
3
1
25
50
75
100
125
150
175
Resistive or
Inductive Load
0.375"(9.5mm)Lead
Length
T J =2 5
P uls e w idt h = 3 00
s
1 % D u ty C y c le
.1
.3
.5
.7
.9
1 .1
1 .3
1 .5
1 .7
1 .9
2 .1
.1
1
10
20
S 5 8 20
S 5 8 21
S 5 8 22
2of2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com