Electronic Components Datasheet Search
  English  ▼

X  

IRF1407 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF1407
Description  Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1407 Datasheet(HTML) 1 Page - International Rectifier

  IRF1407 Datasheet HTML 1Page - International Rectifier IRF1407 Datasheet HTML 2Page - International Rectifier IRF1407 Datasheet HTML 3Page - International Rectifier IRF1407 Datasheet HTML 4Page - International Rectifier IRF1407 Datasheet HTML 5Page - International Rectifier IRF1407 Datasheet HTML 6Page - International Rectifier IRF1407 Datasheet HTML 7Page - International Rectifier IRF1407 Datasheet HTML 8Page - International Rectifier IRF1407 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
130
V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
92
V
A
IDM
Pulsed Drain Current
Q
520
PD @TC = 25°C
Power Dissipation
330
W
Linear Derating Factor
2.2
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
R
390
mJ
IAR
Avalanche Current
Q
See Fig.12a, 12b, 15, 16
A
EAR
Repetitive Avalanche Energy
W
mJ
dv/dt
Peak Diode Recovery dv/dt
S
4.6
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting Torque, 6-32 or M3 screw
10 lbf•in (1.1N•m)
HEXFET® Power MOSFET
Specifically designed for Automotive applications, this Stripe Planar
design of HEXFET® Power MOSFETs utilizes the lastest processing
techniques to achieve extremely low
on-resistance per silicon area.
Additional features of this HEXFET power MOSFET are a 175°C junction
operating temperature, fast switching speed and improved repetitive
avalanche rating. These benefits combine to make this design an extremely
efficient and reliable device for use in Automotive applications and a wide
variety of other applications.
S
D
G
Absolute Maximum Ratings
VDSS = 75V
RDS(on) = 0.0078Ω
ID = 130A
V
Description
10/11/01
www.irf.com
1
q
Advanced Process Technology
q
Ultra Low On-Resistance
q
Dynamic dv/dt Rating
q
175°C Operating Temperature
q
Fast Switching
q
Repetitive Avalanche Allowed up to Tjmax
Benefits
Typical Applications
q
Integrated Starter Alternator
q
42 Volts Automotive Electrical Systems
AUTOMOTIVE MOSFET
TO-220AB
PD - 93907
IRF1407
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.45
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance


Similar Part No. - IRF1407

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF1407 ISC-IRF1407 Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRF1407 IRF-IRF1407 Datasheet
271Kb / 9P
Advanced Process Technology
IRF1407L IRF-IRF1407L Datasheet
159Kb / 11P
Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
logo
Inchange Semiconductor ...
IRF1407L ISC-IRF1407L Datasheet
331Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1407LPBF IRF-IRF1407LPBF Datasheet
258Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
More results

Similar Description - IRF1407

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRF1607 IRF-IRF1607 Datasheet
234Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A??
IRF2807 IRF-IRF2807 Datasheet
207Kb / 8P
Power MOSFET(Vdss=75V, Id=82A??
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRFP064V IRF-IRFP064V Datasheet
210Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=5.5mohm, Id=130A??
IRFP2907 IRF-IRFP2907 Datasheet
115Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A??
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com