Electronic Components Datasheet Search
  English  ▼

X  

IRF1407 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF1407
Description  Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1407 Datasheet(HTML) 2 Page - International Rectifier

  IRF1407 Datasheet HTML 1Page - International Rectifier IRF1407 Datasheet HTML 2Page - International Rectifier IRF1407 Datasheet HTML 3Page - International Rectifier IRF1407 Datasheet HTML 4Page - International Rectifier IRF1407 Datasheet HTML 5Page - International Rectifier IRF1407 Datasheet HTML 6Page - International Rectifier IRF1407 Datasheet HTML 7Page - International Rectifier IRF1407 Datasheet HTML 8Page - International Rectifier IRF1407 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF1407
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
75
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.09
–––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.0078
Ω
VGS = 10V, ID = 78A
T
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = 10V, ID = 250µA
gfs
Forward Transconductance
74
–––
–––
SVDS = 25V, ID = 78A
–––
–––
20
µA
VDS = 75V, VGS = 0V
–––
–––
250
VDS = 60V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -20V
Qg
Total Gate Charge
–––
160
250
ID = 78A
Qgs
Gate-to-Source Charge
–––
35
52
nC
VDS = 60V
Qgd
Gate-to-Drain ("Miller") Charge
–––
54
81
VGS = 10V
T
td(on)
Turn-On Delay Time
–––
11
–––
VDD = 38V
tr
Rise Time
–––
150
–––
ID = 78A
td(off)
Turn-Off Delay Time
–––
150
–––
RG = 2.5Ω
tf
Fall Time
–––
140
–––
VGS = 10V
T
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
5600 –––
VGS = 0V
Coss
Output Capacitance
–––
890
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
190
–––
ƒ = 1.0KHz, See Fig. 5
Coss
Output Capacitance
–––
5800 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0KHz
Coss
Output Capacitance
–––
560
–––
VGS = 0V, VDS = 60V, ƒ = 1.0KHz
Coss eff.
Effective Output Capacitance
U
–––
1100 –––
VGS = 0V, VDS = 0V to 60V
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
Q
–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 78A, VGS = 0V
T
trr
Reverse Recovery Time
–––
110
170
ns
TJ = 25°C, IF = 78A
Qrr
Reverse RecoveryCharge
–––
390
590
nC
di/dt = 100A/µsT
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
130
V
520
A
Q Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
R Starting TJ = 25°C, L = 0.13mH
RG = 25Ω, IAS = 78A. (See Figure 12).
S ISD ≤ 78A, di/dt ≤ 320A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
T Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
U Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
VCalculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
WLimited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com