Electronic Components Datasheet Search
  English  ▼

X  

IRF3205 Datasheet(PDF) 8 Page - International Rectifier

Part # IRF3205
Description  Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3205 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRF3205 Datasheet HTML 2Page - International Rectifier IRF3205 Datasheet HTML 3Page - International Rectifier IRF3205 Datasheet HTML 4Page - International Rectifier IRF3205 Datasheet HTML 5Page - International Rectifier IRF3205 Datasheet HTML 6Page - International Rectifier IRF3205 Datasheet HTML 7Page - International Rectifier IRF3205 Datasheet HTML 8Page - International Rectifier IRF3205 Datasheet HTML 9Page - International Rectifier IRF3205 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRF3205S/L
8
www.irf.com
D2Pak Package Outline
D2Pak Part Marking Information
10.16 (.400)
R E F .
6.47 (.255)
6.18 (.243)
2.61 (.103)
2.32 (.091)
8.89 (.350)
R E F .
- B -
1.32 (.052)
1.22 (.048)
2.79 (.110)
2.29 (.090)
1 .39 (.055)
1 .14 (.045)
5.28 (.208)
4.78 (.188)
4.69 (.185)
4.20 (.165)
10.54 (.415)
10.29 (.405)
- A -
2
1
3
15.49 (.610)
14.73 (.580)
3X
0.93 (.037)
0.69 (.027)
5.08 (.200 )
3X
1.40 (.055)
1.14 (.045)
1.78 (.070)
1.27 (.050)
1.40 (.055)
M A X.
N O T ES:
1 D IM E N S IO N S A F T E R S O L D E R D IP .
2 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 14.5M , 1982.
3 CO N T R O L L IN G DIME N S IO N : INCH .
4 H EAT SIN K & L EAD D IM E N S IO N S D O N O T IN C L U D E BU R R S.
0.55 (.022)
0.46 (.018)
0.25 (.010)
M
B A M
MINIM U M RE C O MME N D E D F O O T P R IN T
11.43 (.4 50)
8.89 (.350)
17.78 (.700)
3.81 (.150)
2.08 (.082)
2 X
LE AD ASSIGN M E N T S
1 - G A T E
2 - D R A IN
3 - S O U R C E
2.54 (.100)
2 X
P A RT NUM B E R
IN T E RNA T IO N A L
R E C T IF IE R
L O G O
DAT E CODE
(YYW W )
YY = YEA R
WW = WE E K
A S S E M B L Y
L O T
C O D E
F5 30 S
9 B
1 M
92 46
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com