Electronic Components Datasheet Search
  English  ▼

X  

IRF3205 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3205
Description  Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3205 Datasheet(HTML) 1 Page - International Rectifier

  IRF3205 Datasheet HTML 1Page - International Rectifier IRF3205 Datasheet HTML 2Page - International Rectifier IRF3205 Datasheet HTML 3Page - International Rectifier IRF3205 Datasheet HTML 4Page - International Rectifier IRF3205 Datasheet HTML 5Page - International Rectifier IRF3205 Datasheet HTML 6Page - International Rectifier IRF3205 Datasheet HTML 7Page - International Rectifier IRF3205 Datasheet HTML 8Page - International Rectifier IRF3205 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF3205S/L
HEXFET® Power MOSFET
03/09/01
Thermal Resistance
www.irf.com
1
VDSS = 55V
RDS(on) = 8.0mΩ
ID = 110A…
S
D
G
Advanced HEXFET® Power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve extremely low on-
resistance per silicon area.
This benefit, combined with the fast
switching speed and ruggedized device design that HEXFET power
MOSFETs are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the highest power
capability and the lowest possible on-resistance in any existing surface
mount package. The D2Pak is suitable for high current applications
because of its low internal connection resistance and can dissipate up
to 2.0W in a typical surface mount application.
The through-hole version (IRF3205L) is available for low-profile
applications.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Description
D2Pak
IRF3205S
TO-262
IRF3205L
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
°C/W
RθJA
Junction-to-Ambient (PCB mounted, steady-state)
*
–––
40
PD - 94149
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
110
…
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
80
A
IDM
Pulsed Drain Current

390
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

62
A
EAR
Repetitive Avalanche Energy

20
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)


Similar Part No. - IRF3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
logo
Kersemi Electronic Co.,...
IRF3205 KERSEMI-IRF3205 Datasheet
4Mb / 12P
Advanced Process Technology Ultra Low On-Resistance
logo
Nell Semiconductor Co.,...
IRF3205 NELLSEMI-IRF3205 Datasheet
622Kb / 7P
N-Channel Power MOSFET
logo
Thinki Semiconductor Co...
IRF3205 THINKISEMI-IRF3205 Datasheet
970Kb / 5P
N-Channel Trench Process Power MOSFET Transistor
logo
Inchange Semiconductor ...
IRF3205 ISC-IRF3205 Datasheet
139Kb / 2P
isc N-Channel Mosfet Transistor
More results

Similar Description - IRF3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com