Electronic Components Datasheet Search
  English  ▼

X  

IRF3415 Datasheet(PDF) 8 Page - International Rectifier

Part # IRF3415
Description  Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3415 Datasheet(HTML) 8 Page - International Rectifier

  IRF3415 Datasheet HTML 1Page - International Rectifier IRF3415 Datasheet HTML 2Page - International Rectifier IRF3415 Datasheet HTML 3Page - International Rectifier IRF3415 Datasheet HTML 4Page - International Rectifier IRF3415 Datasheet HTML 5Page - International Rectifier IRF3415 Datasheet HTML 6Page - International Rectifier IRF3415 Datasheet HTML 7Page - International Rectifier IRF3415 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF3415
L EAD ASSIG NM E NT S
1 - G A T E
2 - D R A IN
3 - S O U RC E
4 - D R A IN
- B -
1 .32 (.05 2)
1 .22 (.04 8)
3X
0.55 (.02 2)
0.46 (.01 8)
2 .92 (.11 5)
2 .64 (.10 4)
4.69 ( .18 5 )
4.20 ( .16 5 )
3X
0.93 (.03 7)
0.69 (.02 7)
4.06 (.16 0)
3.55 (.14 0)
1.15 (.04 5)
M IN
6.47 (.25 5)
6.10 (.24 0)
3.78 (.149 )
3.54 (.139 )
- A -
10 .54 (.4 15)
10 .29 (.4 05)
2.87 (.11 3)
2.62 (.10 3)
15.24 (.60 0)
14.84 (.58 4)
14.09 (.55 5)
13.47 (.53 0)
3X
1.40 (.055)
1.15 (.045)
2.54 (.10 0)
2X
0 .3 6 (.01 4)
M
B
A
M
4
1
2
3
N O TES:
1 D IM E N S IO N IN G & TO L E R A N C ING P E R A N S I Y 1 4.5M , 1 9 82.
3 O U T LIN E C O N F O R M S TO JE D E C O U T LIN E TO -2 20 A B .
2 C O NTROL LIN G DIM E NSIO N : INCH
4 HEATSINK & LEAD M EASUREM E NTS DO N OT INCLU DE BURRS.
P A RT NU M B E R
IN T E R N A T IO N A L
R E C T IF IE R
L O G O
E X A M P L E : T H IS IS A N IR F 1010
W IT H A S S E M B L Y
L O T C O D E 9 B 1M
AS SE MBL Y
L O T
C O D E
DA T E C O DE
(YYW W )
YY = YEA R
WW = WE E K
9246
IR F 1010
9B
1 M
A
Part Marking Information
TO-220AB
Package Outline
TO-220AB Outline
Dimensions are shown in millimeters (inches)
P A RT NU M B E R
IN TE R N A TIO N A L
RE CT IF IE R
L O G O
E X A M P L E : T H IS IS A N IR F 1010
W IT H A S S E M B L Y
L O T C O D E 9 B 1 M
ASS EMB L Y
L O T
C O D E
DA T E C O DE
(Y Y WW)
YY = YE AR
WW = WE E K
9246
IR F 1010
9B
1 M
A
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
5/98



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com