Electronic Components Datasheet Search
  English  ▼

X  

IRF3415 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF3415
Description  Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3415 Datasheet(HTML) 2 Page - International Rectifier

  IRF3415 Datasheet HTML 1Page - International Rectifier IRF3415 Datasheet HTML 2Page - International Rectifier IRF3415 Datasheet HTML 3Page - International Rectifier IRF3415 Datasheet HTML 4Page - International Rectifier IRF3415 Datasheet HTML 5Page - International Rectifier IRF3415 Datasheet HTML 6Page - International Rectifier IRF3415 Datasheet HTML 7Page - International Rectifier IRF3415 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF3415
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 22A, VGS = 0V
„
trr
Reverse Recovery Time
–––
260
390
ns
TJ = 25°C, IF = 22A
Qrr
Reverse RecoveryCharge
–––
2.2
3.3
µC
di/dt = 100A/µs
„
Source-Drain Ratings and Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.17
–––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.042
Ω
VGS = 10V, ID = 22A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
19
–––
–––
S
VDS = 50V, ID = 22A
–––
–––
25
µA
VDS = 150V, VGS = 0V
–––
–––
250
VDS = 120V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
200
ID = 22A
Qgs
Gate-to-Source Charge
–––
–––
17
nC
VDS = 120V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
98
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
12
–––
VDD = 75V
tr
Rise Time
–––
55
–––
ID = 22A
td(off)
Turn-Off Delay Time
–––
71
–––
RG = 2.5Ω
tf
Fall Time
–––
69
–––
RD = 3.3Ω, See Fig. 10
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
2400 –––
VGS = 0V
Coss
Output Capacitance
–––
640
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
340
–––
ƒ = 1.0MHz, See Fig. 5
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 22A, di/dt ≤ 820A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ V
DD = 25V, starting TJ = 25°C, L = 2.4mH
RG = 25Ω, IAS = 22A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
43
150
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com