Electronic Components Datasheet Search
  English  ▼

X  

IRF520N Datasheet(PDF) 4 Page - International Rectifier

Part # IRF520N
Description  Power MOSFET(Vdss = 100 V, Rds(on) = 0.20 Ohm, Id= 9.7A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF520N Datasheet(HTML) 4 Page - International Rectifier

  IRF520N Datasheet HTML 1Page - International Rectifier IRF520N Datasheet HTML 2Page - International Rectifier IRF520N Datasheet HTML 3Page - International Rectifier IRF520N Datasheet HTML 4Page - International Rectifier IRF520N Datasheet HTML 5Page - International Rectifier IRF520N Datasheet HTML 6Page - International Rectifier IRF520N Datasheet HTML 7Page - International Rectifier IRF520N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF520N
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
100
200
300
400
500
600
1
1 0
100
DS
V
, D rain-to -S ource V olta ge (V )
A
V
= 0V ,
f = 1 M H z
C
= C
+ C
, C
S H O R TE D
C
= C
C
= C
+ C
GS
is s
g s
g d
d s
rs s
g d
o ss
d s
g d
C iss
C oss
C rss
0
4
8
12
16
20
0
5
10
15
20
25
Q
, T otal G ate C harge (nC )
G
V
= 80 V
V
= 50 V
V
= 20 V
DS
DS
DS
A
F O R TE S T CIR C U IT
S E E F IG U R E 1 3
I
= 5.7 A
D
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
T = 2 5°C
J
V
= 0V
GS
V
, S ourc e-to-D rain V o ltage (V )
SD
A
T = 17 5°C
J
0.1
1
10
100
1
1 0
100
1000
V
, D rain-to-S ource V oltage (V )
DS
O P E R A T IO N IN T H IS A R E A LIM IT E D
B Y R DS (on)
10µs
100µ s
1m s
10m s
A
T
= 25 °C
T
= 17 5°C
Sing le P u ls e
C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com